Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70358MHKH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70358MHKH
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70358MHKH Datasheet(HTML) 3 Page - Texas Instruments

  TPS70358MHKH Datasheet HTML 1Page - Texas Instruments TPS70358MHKH Datasheet HTML 2Page - Texas Instruments TPS70358MHKH Datasheet HTML 3Page - Texas Instruments TPS70358MHKH Datasheet HTML 4Page - Texas Instruments TPS70358MHKH Datasheet HTML 5Page - Texas Instruments TPS70358MHKH Datasheet HTML 6Page - Texas Instruments TPS70358MHKH Datasheet HTML 7Page - Texas Instruments TPS70358MHKH Datasheet HTML 8Page - Texas Instruments TPS70358MHKH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
UVLO1
Thermal
Shutdown
Shutdown
2.5 V
+
-
Current
Sense
Reference
V
ref
V
ref
ENA_1
ENA_1
10 k Ω
Rising Edge
Deglitch
0.95 × V
ref
FB2
Falling Edge
Delay
V
IN1
0.95 × V
ref
FB1
Rising Edge
Deglitch
Falling Edge
Deglitch
0.83 × V
ref
FB2
UV Comp
Falling Edge
Deglitch
0.83 × V
ref
FB1
UV Comp
Power
Sequence
Logic
ENA_1
ENA_2
V
IN1
Current
Sense
+
-
10 k Ω
ENA_2
ENA_2
FB2
V
ref
V
(2 Pins)
IN1
GND
EN
SEQ
(see Note B)
V
(2 Pins)
IN2
V
(2 Pins)
OUT1
V
SENSE1
(see Note A)
PG1
MR2
RESET
MR1
V
SENSE2
(see Note A)
V
(2 Pins)
OUT2
FB1
V
IN1
UVLO1
2.5 V
UVLO2
Shutdown
NOTES: A. For most applications, V
and V
should be externally connected to V
as close as possible to the device.
For other implementations, refer to SENSE terminal connection discussion in the Application Information section.
B. If the SEQ terminal is floating at the input, V
powers up first.
SENSE1
SENSE2
OUT
OUT2
TPS70358M
www.ti.com ...................................................................................................................................................................................................... SLVS759 – JUNE 2009
ORDERING INFORMATION(1)
VOLTAGE (V)
PACKAGE-LEAD
ORDERABLE PART
TOP-SIDE
PRODUCT
TJ
(DESIGNATOR)
NUMBER
MARKING
VOUT1
VOUT2
TPS70358M
3.3 V
2.5 V
DFP-20 (HKH)
–55°C to 125°C
TPS70358MHKH
TPS70358MHKH
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DETAILED BLOCK DIAGRAM - FIXED VOLTAGE VERSION
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS70358M


Similar Part No. - TPS70358MHKH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70358 TI-TPS70358 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358 TI-TPS70358 Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70358PWP TI-TPS70358PWP Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358PWP TI-TPS70358PWP Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70358PWP TI-TPS70358PWP Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70358MHKH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com