Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBMT240-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBMT240-HF
Description  Low Profile SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMT240-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBMT240-HF Datasheet HTML 1Page - Comchip Technology CDBMT240-HF Datasheet HTML 2Page - Comchip Technology CDBMT240-HF Datasheet HTML 3Page - Comchip Technology CDBMT240-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-JB026
REV: A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CDBMT220-HF Thru. CDBMT2100-HF)
Fig.2 - Typical Forward Characteristics
Forward Voltage, (V)
VF,
0.1
Fig.5 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0
120
200
Fig.4 - Typical Junction Capacitance
0
VR, Reverse Voltage, (V)
300
700
0.01
1
0.01
10
100
1.5
100
Fig.1- Typical Forward Current
0
TA, Ambient Temperature, (°C)
1.6
1.2
0.1
20
160
100
0.01
1
10
100
0.1
0.3
0.4
0.9
1.1
100
400
600
0.8
40
80
160
1
60
120
2.0
2.4
O
TJ=75 C
O
TJ=25 C
0.5
0.1
10
200
500
140
40
80
Fig.3 - Maximum Non-repetitive
Forward Surge Current
0
Number of Cycles at 60Hz
50
1
10
100
20
40
10
30
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
TJ=25°C
Pulse Width 300US
1% Duty Cycle
0.7
1.3
CD
BM
T2
20
-H
F~
24
0-
HF
CD
BM
T2
50
-H
F~
26
0-
HF
CD
BM
T2
80
-H
F~
21
00
-H
F
SMD Diodes Specialist
Derating Curve
Low Profile SMD Schottky Barrier Rectifiers


Similar Part No. - CDBMT240-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMT240-HF COMCHIP-CDBMT240-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMT240-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMT220-HF COMCHIP-CDBMT220-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF COMCHIP-CDBMT120-HF_12 Datasheet
98Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
ACDBMT140-HF COMCHIP-ACDBMT140-HF Datasheet
97Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF COMCHIP-CDBMT120-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF_1209 COMCHIP-CDBMT120-HF_1209 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS220-HF COMCHIP-CDBMTS220-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS120-HF COMCHIP-CDBMTS120-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com