Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2204GUL Datasheet(PDF) 2 Page - Rohm

Part # BD2204GUL
Description  Power Supply Selector Switch IC for SD Cards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2204GUL Datasheet(HTML) 2 Page - Rohm

  BD2204GUL Datasheet HTML 1Page - Rohm BD2204GUL Datasheet HTML 2Page - Rohm BD2204GUL Datasheet HTML 3Page - Rohm BD2204GUL Datasheet HTML 4Page - Rohm BD2204GUL Datasheet HTML 5Page - Rohm BD2204GUL Datasheet HTML 6Page - Rohm BD2204GUL Datasheet HTML 7Page - Rohm BD2204GUL Datasheet HTML 8Page - Rohm BD2204GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Datasheet
Datasheet
2/21
TSZ02201-0E3E0H300030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
07.Aug.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD2204GUL
●Block Diagram
●Pin Configuration
●Pin Descriptions
Pin No.
Symbol
I / O
Pin function
A1
VIN1
I
Switch1 input and supply voltage for IC
A2
VIN2
I
Switch2 input
A3
EN
I
Active-high enable input with pull-down resistance (Typ.700Ω)
B1
VOUT
O
Switch output
B2
GND
-
Ground
B3
SEL
I
Output selector input with pull-down resistance (Typ.700Ω)
As SEL=L, VOUT=3.3V output, as SEL=H, VOUT=1.8V output
●Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Switch1 input voltage
VIN1
-0.3 to 6.0
V
Switch2 input voltage
VIN2
-0.3 to 6.0
V
EN voltage
VEN
-0.3 to 6.0
V
SEL voltage
VSEL
-0.3 to 6.0
V
VOUT voltage
VOUT
-0.3 to 6.0
V
Output current
IOUT
1.0
A
Storage temperature
TSTG
-55 to 150
oC
Power dissipation
Pd
575
*1
mW
*1 In the case of exceeding Ta = 25°C, 4.6mW should be reduced per 1°C.
LOGIC
Charge
Pump
TSD
EN
VOUT
GND
EN
VIN2
SEL
VIN1
+
-
B1
B2
B3
A1
A2
A3
Figure 3. Pin Configuration (BOTTOM VIEW)
Figure 2. Block Diagram


Similar Part No. - BD2204GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL-E2 ROHM-BD2204GUL-E2 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
More results

Similar Description - BD2204GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Apacer Technology Inc.
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
   SD memory cards
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
Apacer Technology Inc.
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
   SD memory cards
logo
Panasonic Semiconductor
MN63154 PANASONIC-MN63154 Datasheet
32Kb / 4P
   EEPROM for IC Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com