Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72301QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72301QDBVRQ1
Description  200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72301QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72301QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS72301QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
500
450
400
350
300
250
200
150
100
50
0
JunctionTemperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
140
V
=3V,I
=0mA
IN
OUT
V
=10V,I
=0mA
IN
OUT
V
=10V,I
=200mA
IN
OUT
800
750
700
650
600
550
500
450
400
350
300
JunctionTemperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
140
250
200
150
100
50
0
JunctionTemperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
140
V
= 3V
IN
-
V
= 10V
IN
-
1000
800
600
400
200
0
-
200
-
400
-
600
-
800
-
1000
AmbientTemperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
140
V
= 10V,V
-
IN
EN =
0.5V
-
V
= 10V,V
-
IN
EN =
10V
-
V
= 10V,V
-
IN
EN =3.5V
0.25
0.13
0
-
0.13
-
0.25
JunctionTemperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
140
Load
Line
100
50
0
-
50
0
-
3.0
-
3.5
-
4.0
-
4.5
Time( s)
m
0
20
40
60
80
100
120
140 160
180
200
C
=2.2 F
IN
m
C
=2.2 F
OUT
m
C
=0 F
NR
m
TPS72301-Q1
TPS72325-Q1
SLVSAJ4A
– SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS723xx-Q1 at VIN = VOUTnom – 0.5V, IOUT = 1mA, VEN = 1.5V, COUT = 2.2μF, and CNR = 0.01μF, unless otherwise noted.
GROUND CURRENT vs JUNCTION TEMPERATURE
CURRENT LIMIT vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
STANDBY CURRENT vs JUNCTION TEMPERATURE
ENABLE PIN CURRENT vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
LINE AND LOAD REGULATION
vs JUNCTION TEMPERATURE
LINE TRANSIENT RESPONSE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS72301-Q1 TPS72325-Q1


Similar Part No. - TPS72301QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301QDBVRQ1 TI1-TPS72301QDBVRQ1 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results

Similar Description - TPS72301QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com