Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72012DRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72012DRVR
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72012DRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72012DRVR Datasheet HTML 4Page - Texas Instruments TPS72012DRVR Datasheet HTML 5Page - Texas Instruments TPS72012DRVR Datasheet HTML 6Page - Texas Instruments TPS72012DRVR Datasheet HTML 7Page - Texas Instruments TPS72012DRVR Datasheet HTML 8Page - Texas Instruments TPS72012DRVR Datasheet HTML 9Page - Texas Instruments TPS72012DRVR Datasheet HTML 10Page - Texas Instruments TPS72012DRVR Datasheet HTML 11Page - Texas Instruments TPS72012DRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
I
(mA)
OUT
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
60
50
40
30
20
10
0
-40
-25
-10
125
95
80
65
50
20
35
5
110
T ( C)
J °
I
=350mA
OUT
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
675
650
625
600
575
550
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
-
°
10 C
+25 C
°
-
°
40 C
+85 C
°
+105 C
°
675
650
625
600
575
550
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
+125 C
°
-
°
10 C
+25 C
°
-
°
40 C
+85 C
°
+105 C
°
120
100
80
60
40
20
0
10
100
1k
1M
10k
100k
10M
Frequency(Hz)
I
=0mA
OUT
I
=350mA
OUT
I
=50mA
OUT
(V
V
-
IN
OUT)=0.5V
(V
V
-
BIAS
OUT)=1.4V
TPS720xx
SBVS100D – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
GROUND PIN CURRENT
GROUND PIN CURRENT
vs OUTPUT CURRENT (TPS72013YZU)
vs TEMPERATURE (TPS72013YZU)
Figure 13.
Figure 14.
SHUTDOWN CURRENT
CURRENT LIMIT
vs VBIAS INPUT VOLTAGE (TPS72013YZU)
vs VBIAS INPUT VOLTAGE (TPS72013YZU)
Figure 15.
Figure 16.
CURRENT LIMIT
VIN POWER-SUPPLY RIPPLE REJECTION
vs VIN INPUT VOLTAGE (TPS72013YZU)
vs FREQUENCY (TPS72015YZU)
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TPS72012DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72012DRVR TI-TPS72012DRVR Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72012DRVR TI1-TPS72012DRVR Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS72012DRVR TI1-TPS72012DRVR Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72012DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com