Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73201-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201-EP
Description  CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73201-EP Datasheet(HTML) 2 Page - Texas Instruments

  TPS73201-EP Datasheet HTML 1Page - Texas Instruments TPS73201-EP Datasheet HTML 2Page - Texas Instruments TPS73201-EP Datasheet HTML 3Page - Texas Instruments TPS73201-EP Datasheet HTML 4Page - Texas Instruments TPS73201-EP Datasheet HTML 5Page - Texas Instruments TPS73201-EP Datasheet HTML 6Page - Texas Instruments TPS73201-EP Datasheet HTML 7Page - Texas Instruments TPS73201-EP Datasheet HTML 8Page - Texas Instruments TPS73201-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
POWER DISSIPATION RATINGS
(1)
TPS73201-EP
,, TPS73215-EP
TPS73216-EP, TPS73218-EP, TPS73225-EP
TPS73230-EP, TPS73233-EP, TPS73250-EP
SGLS346 – JUNE 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT(2)
XX is the nominal output voltage (for example, 25 = 2.5 V, 01 = Adjustable(3)).
TPS732xxyyyz
YYY is the package designator.
Z is the package quantity.
(1)
For the most current specification and package information, see the Package Option Addendum located at the end of this data sheet or
see the TI website at www.ti.com.
(2)
Output voltages from 1.2 V to 4.5 V in 50-mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
(3)
For fixed 1.2 V operation, tie FB to OUT.
over operating junction temperature range unless otherwise noted(1)
VIN range
–0.3 V to 6 V
VEN range
–0.3 V to 6 V
VOUT range
–0.3 V to 5.5 V
Peak output current
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
See Dissipation Ratings Table
Ambient temperature range, TA
–55
°C to 150°C
Storage temperature range
–65
°C to 150°C
ESD rating, HBM
2 kV
ESD rating, CDM
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
TA = 70°C
TA = 85°C
TA = 125°C
DERATING FACTOR
BOARD
PACKAGE
RΘJC
RΘJA
POWER
POWER
POWER
POWER
ABOVE TA = 25°C
RATING
RATING
RATING
RATING
Low-K(2)
DBV
64
°C/W
255
°C/W
3.9 mW/
°C
450 mW
275 mW
215 mW
58 mW
High-K(3)
DBV
64
°/W
180
°C/W
5.6 mW/
°C
638 mW
388 mW
305 mW
83 mW
(1)
See Power Dissipation in the Applications section for more information related to thermal design.
(2)
The JEDEC Low-K (1s) board design used to derive this data was a 3 inch
× 3 inch, two-layer board with 2-ounce copper traces on top
of the board.
(3)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch
× 3 inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on the top and bottom of the board.
2
Submit Documentation Feedback


Similar Part No. - TPS73201-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201-EP TI1-TPS73201-EP Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73201-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com