Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6076GUT Datasheet(PDF) 4 Page - Rohm

Part # BD6076GUT
Description  White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6076GUT Datasheet(HTML) 4 Page - Rohm

  BD6076GUT Datasheet HTML 1Page - Rohm BD6076GUT Datasheet HTML 2Page - Rohm BD6076GUT Datasheet HTML 3Page - Rohm BD6076GUT Datasheet HTML 4Page - Rohm BD6076GUT Datasheet HTML 5Page - Rohm BD6076GUT Datasheet HTML 6Page - Rohm BD6076GUT Datasheet HTML 7Page - Rohm BD6076GUT Datasheet HTML 8Page - Rohm BD6076GUT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical Note
4/15
BD6076GUT
www.rohm.com
2011.12 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
0
2
4
6
8
10
12
34
56
7
VIN[V]
0,0
0,2
0,4
0,6
0,8
1,0
12
3
4
56
7
VIN[V]
1,0
1,1
1,2
1,3
1,4
1,5
2,5
3
3,5
4
4,5
5
5,5
VIN[V]
Fig.4 Current consumption
Fig.5 Quiescent current
Fig.6 Oscillation frequency
vs.
vs.
vs.
Power supply voltage
Power supply voltage
Power supply voltage
470
480
490
500
510
520
530
2,7 3,1 3,5 3,9 4,3 4,7 5,1 5,5
VIN[V]
300
350
400
450
500
3,1
3,5
3,9
4,3
4,7
5,1
5,5
Ta [deg]
50
55
60
65
70
75
80
85
90
10
15
20
25
30
35
40
Iout[mA]
Fig.7 Feedback voltage
Fig.8 Inductor current limit
Fig.9 Efficiency vs. LED current
vs.
vs.
(4LED=VOUT13V)
Power supply voltage
Temperature
50
55
60
65
70
75
80
85
90
10
15
20
25
30
35
40
Iout [mA]
0
200
400
600
800
1000
1200
1400
1600
3,0
3,2
3,4
3,6
3,8
4,0
4,2
VIN[V]
60
65
70
75
80
85
90
3,1
3,5
3,9
4,3
4,7
5,1
5,5
VIN[V]
Fig.10 Efficiency vs. LED current
Fig.11 Output power
Fig.12 Efficiency
(4LED=VOUT13V)
vs.
vs.
coil : TDK VLS3010T220M
Power supply voltage
Power supply voltage
coil : TDK VLS3010T220M
(Load=30mA)
coil : TDK VLS3010T220M
Ta=85℃
Ta=25℃
Ta=-30℃
VIN=3.1V
VIN=3.6V
VIN=4.2V
VIN=5.5V
Ta=25℃
TOKO : DB3015CK220M
TDK : VLS3010T220M
Ta=-30℃
Ta=25℃
Ta=85℃
Ta=25℃
Ta=-30℃
Ta=85℃
Ta=-30℃
Ta=25℃
Ta=85℃
Ta=25℃
Ta=-30℃
Ta=85℃
Ta=25℃
Ta=-30℃
Ta=85℃
Ta=-30℃
Ta=25℃
Ta=85℃
Ta=25℃
VIN=3.6V


Similar Part No. - BD6076GUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6071HFN-TR ROHM-BD6071HFN-TR Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results

Similar Description - BD6076GUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60910GU ROHM-BD60910GU_11 Datasheet
475Kb / 31P
   White backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A60NUX ROHM-BD60A60NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A00NUX ROHM-BD60A00NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6077GUT ROHM-BD6077GUT Datasheet
449Kb / 17P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6067GU ROHM-BD6067GU_11 Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6074GUT ROHM-BD6074GUT Datasheet
440Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com