Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6076GUT-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD6076GUT-E2
Description  White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6076GUT-E2 Datasheet(HTML) 5 Page - Rohm

  BD6076GUT-E2 Datasheet HTML 1Page - Rohm BD6076GUT-E2 Datasheet HTML 2Page - Rohm BD6076GUT-E2 Datasheet HTML 3Page - Rohm BD6076GUT-E2 Datasheet HTML 4Page - Rohm BD6076GUT-E2 Datasheet HTML 5Page - Rohm BD6076GUT-E2 Datasheet HTML 6Page - Rohm BD6076GUT-E2 Datasheet HTML 7Page - Rohm BD6076GUT-E2 Datasheet HTML 8Page - Rohm BD6076GUT-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Note
5/15
BD6076GUT
www.rohm.com
2011.12 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data) – Continued
2.IIN
Δ=1.66V
5.3ms
Idd=1.5mA
1.VOUT
1V/div AC
2.IIN
200mA/div DC
(4ms/div)
1.VOUT
Peak=155mA
1.EN
4.Icoil
3.VFB
2.VOUT
VoutDrop=76mVpp
1.EN
2V/div DC
2.VOUT 100mV/div AC
3.VFB 0.5V/div DC 4.IIN
200mA/div DC
(3ms/div)
Fig.13 LED Open output voltage
Fig.14 LED brightness adjustment
Fig.15 Soft Start
(Cout=4.7µH, ILED=15mA)
(Cout=4.7µH, ILED=15mA)
Vin=3.6V
Ta=25℃
1.EN
2.VOUT
3. VFB
4. IIN
Peak=410mA
1.EN
5V/div DC
2.VOUT
5V/div DC
3.VFB 0.5V/div DC 4.IIN
200mA/div DC
(200µs/div
)
0
50
100
150
200
250
300
350
400
450
500
0
1020
30
405 06070
80
90
100
Duty[%]
VIN=4.2V
VIN=3.6V
VIN=5.5V
VIN=3.1V
Fig.16 LED brightness adjustment
for PWM control
0
10
20
30
40
50
0
2468
10
Duty[%]
VIN=3.6V
VIN=3.1V
VIN=4.2V
VIN=5.2V
Fig.17 LED brightness adjustment
for PWM control (Expansion)
Fig.18 VBAT Line Transient
(Cout=4.7µH, ILED=15mA)
Vin: 3.1V  2.8V
1.VIN 200mV/div DC 2.VOUT 100mV/div AC
3.VFB 50mV/div AC
1.VIN
2.VOUT
3. VFB
3.1V
2.8V
600µs
10µs
10µs
Vout=100mVpp
Vfb=30mVpp


Similar Part No. - BD6076GUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6071HFN-TR ROHM-BD6071HFN-TR Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results

Similar Description - BD6076GUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60910GU ROHM-BD60910GU_11 Datasheet
475Kb / 31P
   White backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A60NUX ROHM-BD60A60NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A00NUX ROHM-BD60A00NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6077GUT ROHM-BD6077GUT Datasheet
449Kb / 17P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6067GU ROHM-BD6067GU_11 Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6074GUT ROHM-BD6074GUT Datasheet
440Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com