Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73225QDBVRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS73225QDBVRQ1
Description  CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73225QDBVRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS73225QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS73225QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
POWER DISSIPATION RATINGS
(1)
TPS73201-Q1
,, TPS73215-Q1,, TPS73216-Q1
TPS73218-Q1, TPS73225-Q1, TPS73230-Q1
TPS73233-Q1, TPS73250-Q1
SGLS303D – MAY 2005 – REVISED MARCH 2009 ........................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
VOUT
TJ
PACKAGE(3)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(TYP)(2)
SOT23-5 – DBV
Reel of 3000
TPS73201QDBVRQ1
PJOQ
Adjustable
or 1.2 V(4)
VSON-8 – DRB
Reel of 3000
TPS73201QDRBRQ1
PSAQ
1.5 V
SOT23-5 – DBV
Reel of 3000
TPS73215DBVRQ1(5)
PREVIEW
1.6 V
SOT23-5 – DBV
Reel of 3000
TPS73216DBVRQ1(5)
PREVIEW
–40°C to 125°C
1.8 V
SOT23-5 – DBV
Reel of 3000
TPS73218DBVRQ1(5)
PREVIEW
2.5 V
SOT23-5 – DBV
Reel of 3000
TPS73225QDBVRQ1
PJNQ
3 V
SOT23-5 – DBV
Reel of 3000
TPS73230DBVRQ1(5)
PREVIEW
3.3 V
SOT23-5 – DBV
Reel of 3000
TPS73233DBVRQ1(5)
PREVIEW
5 V
SOT23-5 – DBV
Reel of 3000
TPS73250DBVRQ1(5)
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Custom output voltages from 1.3 V to 4 V in 100-mV increments are available on a quick-turn basis for prototyping. Production
quantities are available; minimum order quantities apply. Contact Texas Instruments for details and availability.
(3)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(4)
For fixed 1.2-V operation, tie FB to OUT.
(5)
Product Preview
over operating junction temperature range unless otherwise noted
(1)
TPS732xx
UNIT
VIN range
–0.3 to 6
V
VEN range
–0.3 to 6
V
VOUT range
–0.3 to 5.5
V
Peak output current
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
See Power Dissipation Ratings
Junction temperature range, TJ
–55 to +150
°C
Storage temperature range
–65 to +150
°C
ESD rating, HBM(2)
(H2) 4
kV
ESD rating, CDM(2)
(C4) 1
kV
ESD rating, MM(2)
(M2) 200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
ESD Protection Level per AEC Q100 Classification
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
Low-K(2)
DBV
64°C/W
255°C/W
3.9 mW/°C
390 mW
215 mW
155 mW
High-K(3)
DBV
64°C/W
180°C/W
5.6 mW/°C
560 mW
310 mW
225 mW
High-K (3)
DRB
1.2°C/W
40°C/W
25.0 mW/°C
2.50 W
1.38 W
1 W
(1)
See Power Dissipation in the Application Information section for more information related to thermal design.
(2)
The JEDEC Low-K (1s) board design used to derive this data was a 3 inch x 3 inch, two-layer board with 2-ounce copper traces on top
of the board.
(3)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on the top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS73201-Q1 TPS73215-Q1 TPS73216-Q1 TPS73218-Q1 TPS73225-Q1 TPS73230-Q1
TPS73233-Q1 TPS73250-Q1


Similar Part No. - TPS73225QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73225QDBVRQ1 TI1-TPS73225QDBVRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
More results

Similar Description - TPS73225QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com