Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72719YFFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72719YFFT
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72719YFFT Datasheet(HTML) 3 Page - Texas Instruments

  TPS72719YFFT Datasheet HTML 1Page - Texas Instruments TPS72719YFFT Datasheet HTML 2Page - Texas Instruments TPS72719YFFT Datasheet HTML 3Page - Texas Instruments TPS72719YFFT Datasheet HTML 4Page - Texas Instruments TPS72719YFFT Datasheet HTML 5Page - Texas Instruments TPS72719YFFT Datasheet HTML 6Page - Texas Instruments TPS72719YFFT Datasheet HTML 7Page - Texas Instruments TPS72719YFFT Datasheet HTML 8Page - Texas Instruments TPS72719YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS727xx
www.ti.com
SBVS128C – JUNE 2009 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.0V, whichever is greater;
IOUT = 10mA, VEN = 0.9V, and COUT = 1.0mF, unless otherwise noted. Typical values are at TJ = +25°C.
TPS727xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VO
Output voltage range
0.9
5.0
V
TJ = +25°C
–2.5
+2.5
mV
VOUT + 0.3V ≤ VIN ≤ 5.5V,
–2.0
±1.0
+2.0
%
VOUT
(1)
DC output accuracy
0mA
≤ IOUT ≤ 200mA
VOUT + 0.3V ≤ VIN ≤ 5.5V,
±1.0
%
0mA
≤ IOUT ≤ 250mA
1mA to 200mA or
±50.0
mV
200mA to 1mA in 1ms, COUT = 1mF
ΔVOUT
Load transient
1mA to 250mA or
±65
mV
250mA to 1mA in 1ms, COUT = 1mF
VOUT(NOM) + 0.3V ≤ VIN ≤ 5.5V,
ΔVO/ΔVIN
Line regulation
8
mV/V
IOUT = 10mA
ΔVO/ΔIOUT Load regulation
0mA
≤ IOUT ≤ 250mA
20
mV/mA
VIN = 0.98 × VOUT(NOM), IOUT = 10mA
6.5
mV
VIN = 0.98 × VOUT(NOM), IOUT = 50mA
32.5
mV
VDO
Dropout voltage(2)
VIN = 0.98 × VOUT(NOM), IOUT = 100mA
65
mV
VIN = 0.98 × VOUT(NOM), IOUT = 200mA
130
200
mV
VIN = 0.98 × VOUT(NOM), IOUT = 250mA
162.5
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
300
400
550
mA
IOUT = 0mA, TJ = –40°C to +125°C
7.9
12
mA
IGND
Ground pin current
IOUT = 200mA
110
mA
IOUT = 250mA
130
mA
VEN ≤ 0.4V, VIN = 2V, TJ = +25°C
0.12
mA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V, 2.0V < VIN ≤ 4.5V,
0.55
2
mA
TJ = –40°C to +85°C
f = 10Hz
85
dB
f = 100Hz
75
dB
VIN = 2.3V,
f = 1kHz
70
dB
PSRR
Power-supply rejection ratio
VOUT = 1.8V,
f = 10kHz
55
dB
IOUT = 10mA
f = 100kHz
40
dB
f = 1MHz
45
dB
BW = 100Hz to 100kHz, VIN = 2.1V,
VN
Output noise voltage
33.5
mVRMS
VOUT = 1.8V, IOUT = 10mA
tSTR
Startup time(3)
COUT = 1.0mF, 0 ≤ IOUT ≤ 250mA
100
ms
VHI
Enable pin high (enabled)
0.9
VIN
V
VLO
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
EN = 5.5V
40
500
nA
UVLO
Undervoltage lock-out
VIN rising
1.85
1.90
1.95
V
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
The output voltage is programmed at the factory.
(2)
VDO is measured for devices with VOUT(NOM) ≥ 2.35V so that VIN ≥ 2.3V.
(3)
Startup time: Time from EN assertion to 0.98 × VOUT(NOM).
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS72719YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72719YFFT TI-TPS72719YFFT Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72719YFFT TI1-TPS72719YFFT Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS72719YFFT TI-TPS72719YFFT Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72719YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com