Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73601QDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601QDBVRQ1
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601QDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS73601QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS736xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
ON
OFF
TypicalApplicationCircuitforFixed-VoltageVersions
TPS73601-Q1, TPS73625-Q1, TPS73633-Q1
www.ti.com
SLVSAI3 – SEPTEMBER 2010
Cap-Free, NMOS, 400mA Low-Dropout Regulator
with Reverse Current Protection
Check for Samples: TPS73601-Q1, TPS73625-Q1, TPS73633-Q1
1
FEATURES
DESCRIPTION
2
Qualified for Automotive Applications
Stable with No Output Capacitor or Any Value
The TPS736xx family of low-dropout (LDO) linear
voltage regulators uses a new topology: an NMOS
or Type of Capacitor
pass element in a voltage-follower configuration. This
Input Voltage Range of 1.7V to 5.5V
topology is stable using output capacitors with low
Ultra-Low Dropout Voltage: 75mV typ
ESR, and even allows operation without a capacitor.
Excellent Load Transient Response—with or
It also provides high reverse blockage (low reverse
current) and ground pin current that is nearly constant
without Optional Output Capacitor
over all values of output current.
New NMOS Topology Delivers Low Reverse
Leakage Current
The TPS736xx uses an advanced BiCMOS process
to yield high precision while delivering very low
Low Noise: 30mVRMS typ (10Hz to 100kHz)
dropout voltages and low ground pin current. Current
0.5% Initial Accuracy
consumption, when not enabled, is under 1mA and
1% Overall Accuracy Over Line, Load, and
ideal for portable applications. The extremely low
Temperature
output noise (30mVRMS with 0.1mF CNR) is ideal for
powering VCOs. These devices are protected by
Less Than 1mA max IQ in Shutdown Mode
thermal shutdown and foldback current limit.
Thermal Shutdown and Specified Min/Max
space
Current Limit Protection
Available in Multiple Output Voltage Versions
Fixed Outputs of 1.20V to 3.3V
Adjustable Output from 1.20V to 5.5V
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73601QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601QDBVRQ1 TI1-TPS73601QDBVRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
More results

Similar Description - TPS73601QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com