Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP301 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBP301
Description  Single-phase Silicon Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBP301 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBP301 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBP301 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Resistive or inductive load, 60 Hz.
For capacitive load, derate current by 20%.
UL recognized file # E149311
Surge overload rating-80 amperes peak
Ideal for printed circuit board
Plastic material has Underwriters Labooratory
Flammability Classification 94V-O
Mounting position: Any
Lead: Silver Plated Cooper Lead.
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
3.0 Amperes
KBP3005
KBP301
KBP302
KBP304
KBP306
KBP308
KBP310
Maximum Average Forward
0
T
Output Current @
=25 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
2
It
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
2
I t Rating for fusing(t<8.3ms)
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage
drop per element at 1.0A DC
0
T
Maximum DC Reverse Current at rated @
=25 C
A
0
T
DC Blocking Voltage Per Element @
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
mA
2
AS
0C
0C
A
A
V
35
70
140
280
420
560
700
60
100
200
400
10
1
10
-55 to +125
-55 to +150
3.0
80
1.1
600
800
1000
KBP
.125X45
(3.2)
.600(15.24)
.560(14.22)
.500(12.70)
.460(11.68)
.640
(16.25)
MIN.
.160(4.1)
.053(1.35)
.140(3.6)
.161(1.15)
.034(0.86)
.028(0.76)
.060
(1.52)
MAX.
00(5.08)
80(4.57)
.460(11.68)
.420(10.67)
MIN.
.50
(12.7)
KBP3005-KBP310
Single-phase Silicon Bridge
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - KBP301

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
KBP301 ASEMI-KBP301 Datasheet
112Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Micro Commercial Compon...
KBP301 MCC-KBP301 Datasheet
431Kb / 3P
   3 Amp Bridge Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
   3.0A BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
KBP301 YIXIN-KBP301 Datasheet
232Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBP301 YANGJIE-KBP301 Datasheet
270Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBP301

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com