Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74901KTWRG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS74901KTWRG3
Description  3.0A Low Dropout Linear Regulator with Programmable Soft-Start
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74901KTWRG3 Datasheet(HTML) 1 Page - Texas Instruments

  TPS74901KTWRG3 Datasheet HTML 1Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 2Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 3Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 4Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 5Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 6Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 7Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 8Page - Texas Instruments TPS74901KTWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS74901
GND
EN
FB
IN
PG
BIAS
SS
OUT
V
IN
R
1
R
2
R
3
C
OUT
C
IN
C
SS
V
BIAS
C
BIAS
V
OUT
1V/div
1V/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.2V
TPS749xx
www.ti.com
SBVS082G – JUNE 2007 – REVISED NOVEMBER 2010
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
Check for Samples: TPS749xx
1
FEATURES
DESCRIPTION
2
VOUT Range: 0.8V to 3.6V
The TPS749xx low-dropout (LDO) linear regulator
Ultralow VIN Range: 0.8V to 5.5V
provides an easy-to-use robust power management
VBIAS Range: 2.7V to 5.5V
solution
for
a
wide
variety
of
applications.
Low Dropout: 120mV (typ) at 3.0A, VBIAS = 5V
User-programmable soft-start minimizes stress on the
input power source by reducing capacitive inrush
Power-Good (PG) Output Allows Supply
current on start-up. The soft-start is monotonic and
Monitoring or Provides a Sequencing Signal
well-suited for powering many different types of
for Other Supplies
processors
and
ASICs.
The
enable
input
and
2% Accuracy Over Line/Load/Temperature
power-good
output
allow
easy
sequencing
with
Programmable Soft-Start Provides Linear
external regulators. This complete flexibility permits
the user to configure a solution that meets the
Voltage Startup
sequencing requirements of FPGAs, DSPs, and other
VBIAS Permits Low VIN Operation with Good
applications with special start-up requirements.
Transient Response
A precision reference and error amplifier deliver 2%
Stable with Any Output Capacitor
≥ 2.2mF
accuracy over load, line, temperature, and process.
Available in 5mm × 5mm × 1mm QFN and
The device is stable with any type of capacitor
DDPAK-7 Packages
≥ 2.2mF, and the device is fully specified from –40°C
Open-Drain Power-Good
to +125°C. The TPS749xx is offered in a small (5mm
× 5mm) QFN package, yielding a highly compact total
Active High Enable
solution size. It is also available in a DDPAK-7.
APPLICATIONS
blank
FPGA Applications
blank
DSP Core and I/O Voltages
blank
Post-Regulation Applications
blank
Applications with Special Start-Up Time or
Sequencing Requirements
blank
Hot-Swap and Inrush Controls
blank
Figure 1. Typical Application Circuit (Adjustable)
Figure 2. Turn-On Response
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS74901KTWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74901KTWRG3 TI-TPS74901KTWRG3 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901KTWRG3 TI1-TPS74901KTWRG3 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results

Similar Description - TPS74901KTWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com