Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6563FV-LBE2 Datasheet(PDF) 2 Page - Rohm

Part # BD6563FV-LBE2
Description  Three-Channel Small Signal IGBT/MOSFET Gate Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6563FV-LBE2 Datasheet(HTML) 2 Page - Rohm

  BD6563FV-LBE2 Datasheet HTML 1Page - Rohm BD6563FV-LBE2 Datasheet HTML 2Page - Rohm BD6563FV-LBE2 Datasheet HTML 3Page - Rohm BD6563FV-LBE2 Datasheet HTML 4Page - Rohm BD6563FV-LBE2 Datasheet HTML 5Page - Rohm BD6563FV-LBE2 Datasheet HTML 6Page - Rohm BD6563FV-LBE2 Datasheet HTML 7Page - Rohm BD6563FV-LBE2 Datasheet HTML 8Page - Rohm BD6563FV-LBE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Datasheet
Datasheet
2/16
BD6563FV-LB
TSZ02201-0717ABZ00030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
13.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
OUT_H1
OUT_L1
OUT_H2
VCC
VDD
LGND
IN1
PGND
OUT_L2
PGND
OUT_L3
IN2
IN3
LGND
VCC
OUT_H3
Pin Configuration
Pin Description
Pin No.
Pin Name
Function
1
VCC
Output-side power supply pin
2
VDD
Input-side power supply pin
3
LGND
Input-side ground pin
4
IN1
Control input 1 pin
5
IN2
Control input 2 pin
6
IN3
Control input 3 pin
7
LGND
Input-side ground pin
8
VCC
Output-side power supply pin
9
OUT_L3
Low-side output 3 pin
10
OUT_H3
High-side output 3 pin
11
PGND
Output-side ground pin
12
OUT_L2
Low-side output 2 pin
13
OUT_H2
High-side output 2 pin
14
PGND
Output-side ground pin
15
OUT_L1
Low-side output 1 pin
16
OUT_H1
High-side output 1 pin
Figure 2. Pin configuration
(TOP VIEW)
15
16
14
13
3
4
2
1
11
12
10
9
7
8
6
5


Similar Part No. - BD6563FV-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6563FV-LB ROHM-BD6563FV-LB Datasheet
581Kb / 19P
   Two-Channel/Three-Channel Small Signal IGBT/MOSFET Gate Drivers
More results

Similar Description - BD6563FV-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6562FV-LB ROHM-BD6562FV-LB Datasheet
581Kb / 19P
   Two-Channel/Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
TD62930PG TOSHIBA-TD62930PG Datasheet
345Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
logo
STMicroelectronics
STSPIN32F0 STMICROELECTRONICS-STSPIN32F0 Datasheet
828Kb / 40P
   Three-phase gate drivers
March 2017 Rev 2
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
NCV5703A ONSEMI-NCV5703A Datasheet
672Kb / 20P
   High Current IGBT Gate Drivers
August, 2019 ??Rev. 1
NCD5701A ONSEMI-NCD5701A Datasheet
342Kb / 20P
   High Current IGBT Gate Drivers
June, 2017 ??Rev. 4
NCD5703A ONSEMI-NCD5703A Datasheet
451Kb / 20P
   High Current IGBT Gate Drivers
January, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com