Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9267KUT Datasheet(PDF) 1 Page - Rohm

Part # BD9267KUT
Description  White LED Diver for Backlight of Medium/Large-sized LCDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9267KUT Datasheet(HTML) 1 Page - Rohm

  BD9267KUT Datasheet HTML 1Page - Rohm BD9267KUT Datasheet HTML 2Page - Rohm BD9267KUT Datasheet HTML 3Page - Rohm BD9267KUT Datasheet HTML 4Page - Rohm BD9267KUT Datasheet HTML 5Page - Rohm BD9267KUT Datasheet HTML 6Page - Rohm BD9267KUT Datasheet HTML 7Page - Rohm BD9267KUT Datasheet HTML 8Page - Rohm BD9267KUT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
BD9267KUT
Product structure
Silicon monolithic integrated circuit
This product is not designed protection against radioactive rays
1/28
TSZ02201-0F1F0C100050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
03.Aug.2012 Rev.001
www.rohm.com
TSZ22111
14
001
Datasheet
LED Drivers for LCD Backlights
White LED Diver for
Backlight of Medium/Large-sized LCDs
BD9267KUT
General Description
BD9267KUT is a white LED diver used on backlight of
Medium/Large-sized LCDs. This IC can achieve
dimming function by SPI control. And through the SPI
correspondence, it can set the ON/OFF of each switch,
analog dimming and etc. The signals of PWM dimming
can set the frequency, ON time and delay of PWM by
inputting the external signals to the register.
BD9267KUT has equipped several protection functions
to deal with the abnormal states, including LED OPEN
protection, LED SHORT protection, external current
setting resistance SHORT protection, external MOS
transistor SHORT protection, etc. So it can be used in a
wide output voltage range and various load conditions.
Key Specifications
VCC power supply range
9.0V
35.0V
DVDD power supply range
3.0V
3.6V
CLK frequency setting range
100
10000kHz
Operating Circuit current range
2.4mA(typ.)
Operating temperature range
-40
℃~
+85
Applications
TV
PC display
Other LCD backlight
Features
16-ch constant current driver (external FET(NMOS
is
equipped.)
LED voltage can be set externally.
PWM dimming and Analogue dimming can be
controlled by SPI.
LED Abnormal operation detection circuit (OPEN
protection/ SHORT protection) is equipped.
LED SHORT protection detection voltage is adjustable
(LSP terminal)
LED SHORT protection detection CH
FAIL INDICATION function is equipped by ERR_DET
terminal.
3 lines serial interface
Package: TQFP64U
Package
W(Typ.)
D(Typ.)
H(Max.)
TQFP64U
9.00mm
×
9.00mm
×
1.20mm
Pin Pitch
0.4mm
Typical Application Circuit
Figure 1. TQFP64U
Figure 2. Typical Application Circuit


Similar Part No. - BD9267KUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD9203EFV ROHM-BD9203EFV Datasheet
190Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9204F ROHM-BD9204F Datasheet
187Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
   Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
More results

Similar Description - BD9267KUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
   White LED driver for medium sized and large sized LCD back light
BD9488F ROHM-BD9488F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD9285F ROHM-BD9285F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD9488F ROHM-BD9488F_14 Datasheet
1Mb / 42P
   Boost 1channel white LED driver For large LCDs
logo
Allegro MicroSystems
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
   WLED/RGB Backlight Driver for Medium Size LCDs
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com