Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74901RGWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74901RGWT
Description  3.0A Low Dropout Linear Regulator with Programmable Soft-Start
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74901RGWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS74901RGWT Datasheet HTML 2Page - Texas Instruments TPS74901RGWT Datasheet HTML 3Page - Texas Instruments TPS74901RGWT Datasheet HTML 4Page - Texas Instruments TPS74901RGWT Datasheet HTML 5Page - Texas Instruments TPS74901RGWT Datasheet HTML 6Page - Texas Instruments TPS74901RGWT Datasheet HTML 7Page - Texas Instruments TPS74901RGWT Datasheet HTML 8Page - Texas Instruments TPS74901RGWT Datasheet HTML 9Page - Texas Instruments TPS74901RGWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB
6
7
8
9
10
20
19
18
17
16
1
2
3
4
5
6
7
TPS749xx
SBVS082G – JUNE 2007 – REVISED NOVEMBER 2010
www.ti.com
PIN ASSIGNMENTS
RGW PACKAGE
KTW PACKAGE
QFN-20
DDPAK-7
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
NAME
KTW (DDPAK)
RGW (QFN)
DESCRIPTION
IN
5
5–8
Unregulated input to the device.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts
EN
7
11
the regulator into shutdown mode. This pin must not be left floating.
SS
1
15
Soft-Start pin. A capacitor connected on this pin to ground sets the start-up
time. If this pin is left floating, the regulator output soft-start ramp time is
typically 100ms.
BIAS
6
10
Bias input voltage for error amplifier, reference, and internal control circuits.
Power-Good (PG) is an open-drain, active-high output that indicates the status
of VOUT. When VOUT exceeds the PG trip threshold, the PG pin goes into a
high-impedance state. When VOUT is below this threshold the pin is driven to a
PG
N/A
9
low-impedance state. A pull-up resistor from 10k
Ω to 1MΩ should be connected
from this pin to a supply up to 5.5V. The supply can be higher than the input
voltage. Alternatively, the PG pin can be left floating if output monitoring is not
necessary.
This pin is the feedback connection to the center tap of an external resistor
FB
2
16
divider network that sets the output voltage. This pin must not be left floating.
OUT
3
1, 18–20
Regulated output voltage. A small capacitor (total typical capacitance
≥ 2.2mF,
ceramic) is needed from this pin to ground to assure stability.
No connection. This pin can be left floating or connected to GND to allow better
NC
N/A
2–4, 13, 14, 17
thermal contact to the top-side plane.
GND
4
12
Ground
PAD/TAB
Should be soldered to the ground plane for increased thermal performance.
6
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated


Similar Part No. - TPS74901RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74901RGWT TI-TPS74901RGWT Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWT TI-TPS74901RGWT Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWT TI1-TPS74901RGWT Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74901RGWT TI-TPS74901RGWT Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901RGWTG4 TI-TPS74901RGWTG4 Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results

Similar Description - TPS74901RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com