Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75125-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75125-EP
Description  FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75125-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS75125-EP Datasheet HTML 1Page - Texas Instruments TPS75125-EP Datasheet HTML 2Page - Texas Instruments TPS75125-EP Datasheet HTML 3Page - Texas Instruments TPS75125-EP Datasheet HTML 4Page - Texas Instruments TPS75125-EP Datasheet HTML 5Page - Texas Instruments TPS75125-EP Datasheet HTML 6Page - Texas Instruments TPS75125-EP Datasheet HTML 7Page - Texas Instruments TPS75125-EP Datasheet HTML 8Page - Texas Instruments TPS75125-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)
GND/HEATSINK
NC
IN
IN
EN
PG
FB/SENSE
OUTPUT
OUTPUT
GND/HEATSINK
GND/HEATSINK
NC
NC
GND
NC
NC
NC
NC
NC
GND/HEATSINK
NC − No internal connection
DESCRIPTION/ORDERING INFORMATION
TPS75125-EP
FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR
WITH POWER GOOD
SGLS330B – MAY 2006 – REVISED JUNE 2007
• Controlled Baseline
• Fast Transient Response
One Assembly/Test Site, One Fabrication
• 3% Tolerance Over Specified Conditions for
Site
Fixed Output Version
• Extended Temperature Performance of –55°C
• 20 Pin TSSOP (PWP) PowerPAD™ Package
to 125
°C
• Thermal Shutdown Protection
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• 1.5 A Low Dropout Voltage Regulator
• Available in 2.5 V Fixed Output
• Open Drain Power Good (PG) Status Output
• Ultra Low 75 μA Typical Quiescent Current
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
XXX
performance and environmental limits.
TPS75125-EP is a low-dropout regulator with a power good (PG) function. Quiescent current is 75
μA at full load
and drops down to 1
μA when the device is disabled. TPS75125-EP is designed to have fast transient response
for larger load current changes.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low and is directly
proportional to the output current. Additionally, since the PMOS pass element is a voltage-driven device, the
quiescent current is very low and independent of output loading (typically 75
μA over the full range of output
current, 1 mA to 1.5 A). These two key specifications yield a significant improvement in operating life for
battery-powered systems.
The device is enabled when the enable (EN) input is connected to a low-level voltage. This low dropout (LDO)
device also features a sleep mode; applying a TTL high signal to EN shuts down the regulator, reducing the
quiescent current to less than 1
μA at TJ = 25°C.
The TPS75125-EP power good (PG) terminal is an active-high, open-drain output that can be used to implement
a power-on reset or a low-battery indicator.
The TPS75125-EP is offered in a 2.5 V fixed-voltage version. Output voltage tolerance is specified as a
maximum of 3% over line, load, and temperature ranges. The TPS75125-EP is available in a 20-pin TSSOP
(PWP) package.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
TSSOP – PWP
TPS75125MPWPREP
75125MEP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75125-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75125-EP TI-TPS75125-EP_15 Datasheet
655Kb / 25P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
More results

Similar Description - TPS75125-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75125-EP TI-TPS75125-EP_15 Datasheet
655Kb / 25P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201M-EP TI1-TPS75201M-EP Datasheet
868Kb / 30P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com