Electronic Components Datasheet Search |
|
QKL25Z256RTPPCCC(R) Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
QKL25Z256RTPPCCC(R) Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 21 page Table 3. KL24 48 MHz performance table (continued) MC Partnumber PIT (32bit) 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch Communication Interfaces Low Power UART 1 1 1 1 1 1 1 1 UART 2 2 2 2 2 2 2 2 SPI chip selects per module 1/1 1/1 1/1 1/1 1/1 1/1 1/1 1/1 I2C 2 2 2 2 2 2 2 2 USB OTG LS/FS w/ on-chip xcvr 1 1 1 1 1 1 1 1 USB 120mAReg YES YES YES YES YES YES YES YES Human-Machine Interface Segment LCD - - - - - - - - TSI (Capacitive Touch) - - - - - - - - Total GPIOs 23 23 36 36 50 50 66 66 GPIOs w/ Interrupt 12 12 16 16 19 19 23 23 High Current GPIOs (18mA) 2 2 4 4 4 4 4 4 Operating Characteristics Voltage Range 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V Flash Write V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V Temp Range -40 to 105C -40 to 105C -40 to 105C -40 to 105C -40 to 105C -40 to 105C -40 to 105C -40 to 105C 4.4.2 KL25 Family Features (48 MHz Performance) Table 4. KL25 48MHz performance table MC Part number General CPU Frequency 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz 48 MHz Table continues on the next page... Features KL24/KL25 Product Brief, Rev. 2, 6/2012 10 Preliminary Freescale Semiconductor, Inc. General Business Information |
Similar Part No. - QKL25Z256RTPPCCC(R) |
|
Similar Description - QKL25Z256RTPPCCC(R) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |