Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9361GUL Datasheet(PDF) 6 Page - Rohm

Part # BD9361GUL
Description  6ch Internal Power MOSFET System Switching Regulator 1ch LDO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9361GUL Datasheet(HTML) 6 Page - Rohm

Back Button BD9361GUL Datasheet HTML 2Page - Rohm BD9361GUL Datasheet HTML 3Page - Rohm BD9361GUL Datasheet HTML 4Page - Rohm BD9361GUL Datasheet HTML 5Page - Rohm BD9361GUL Datasheet HTML 6Page - Rohm BD9361GUL Datasheet HTML 7Page - Rohm BD9361GUL Datasheet HTML 8Page - Rohm BD9361GUL Datasheet HTML 9Page - Rohm BD9361GUL Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
BD9361GUL
TSZ02201-0Q2Q0A400010-1-2
2011.12.22 Rev.001
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Electrical characteristics
Unless specified, Ta=25℃, VCCOUT=5.0V, HX, HX2BAT,REGIN=3.6V, STB1234=3.0V, ALL DCDC, LOD ON)
This product is not designed for normal operation within a radioactive environment.
Item
Symbol
Limit
Unit
condition
MIN
TYP
MAX
Output Driver】
CH1 Highside SW ON Resistance
RON1P
-
80
150
mΩ
Hx1=5V
CH1 Lowside SW ON Resistance
RON1N
-
60
120
mΩ
VCCOUT=5.0V
CH2 Lx21 Highside SW ON resistance
RON21P
-
120
180
mΩ
Hx2BAT=3.6V
CH2 Lx21 Lowside SWON resistance
RON21N
-
120
180
mΩ
VCCOUT=5.0V
CH2 Lx22 High side SW ON resistance
RON22P
-
150
230
mΩ
VOUT2=3.3V
CH2 Lx22 Low side SW ON resistance
RON22N
-
120
180
mΩ
VCCOUT=5.0V
CH3 High side SW ON Resistance
RON3P
-
150
230
mΩ
Hx3=3.6V , VCCOUT=5V
CH3 Low side SW ON Resistance
RON3N
-
110
170
mΩ
VCCOUT=5.0V
CH4 High side SW ON Resistance
RON45P
-
150
230
mΩ
Hx4=3.6V, VCCOUT=5V
CH4 Low side SW ON Resistance
RON45N
-
120
180
mΩ
VCCOUT=5.0V
CH5 High side SW ON Resistance
RON45P
-
200
300
mΩ
Hx4=3.6V, VCCOUT=5V
CH5 Low side SW ON Resistance
RON45N
-
150
230
mΩ
VCCOUT=5.0V
CH6 NMOS SW ON resistance
RON6N
-
500
750
mΩ
VCCOUT=5.0V
LED PIN SW ON resistance
RLED
-
2.0
3.0
VCCOUT=5.0V
Discharge switch】
CH2 discharge SW ON resistance
RDSW2
-
100
200
VCCOUT=5.0V
CH3 discharge SW ON resistance
RDSW3
-
100
200
VCCOUT=5.0V
CH4 discharge SW ON resistance
RDSW4
-
100
200
VCCOUT=5.0V
CH5 discharge SW ON resistance
RDSW5
-
100
200
VCCOUT=5.0V
STB1234】
STB Control Voltage
Active
VSTBH1
1.5
-
5.5
V
Non Active
VSTBL1
-0.3
-
0.3
V
Pull Down Resistance
RSTB1
250
400
700
kΩ
SEQ_CTL, VOSEL4】
SEQ_CTL
VOSEL4
Control Voltage
H level
VCTLH
HX2B
AT-0.3
-
HX2B
AT+0.3
V
L level
VCTLL
0
-
0.3
V
LDO】
Output voltage
VLDO1
1.5
-
3.3
V
Vo=1.5V,1.8V,2.7V ,2.8V ,
2.9V 3.0V,3.1V,3.3V
Output voltage accuracy
LDOACC
2.758
2.800
2.842
V
Line regulation
VDL
-
2
20
mV
VINREG=REGOUT+1.0V
to 5.5V
Iout=10uA
Load regulation
VDLo
-
10
80
mV
Io=0.01mA
to 100mA
PSRR
RR
40
50
-
dB
VR=-20dBv
f=1KHz
Io=10mA
Over current protect
ILMAX
220
350
700
mA
Vo=REGOUT*0.8
Output short current
ISHORT
20
70
150
mA
Vo=0V
Discharge resister
LDODCR
0.5
1
1.5
kΩ
Circuit Current】
Stand-by Current
VCCOUT terminal
ISTB1
-
0
5
µA
Hx terminal
ISTB2
-
0
5
µA
Step-down
Cross- converter
Lx terminal
ISTB3
-
0
5
µA
Step-up
VINREG
ISTB4
-
0
5
µA
Circuit Current when start-up
HX2BAT current when voltage supplied for
the terminal)
IST
-
300
600
µA
HX2VAT=3.6V
Circuit Current
VCCOUT current
when voltage supplied for the terminal)
Icc2
-
5.0
9.7
mA
CH1~6
Switching OFF LDO ON


Similar Part No. - BD9361GUL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD936 ISC-BD936 Datasheet
116Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD936 NJSEMI-BD936 Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
logo
Inchange Semiconductor ...
BD936F ISC-BD936F Datasheet
112Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD936F NJSEMI-BD936F Datasheet
131Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD9361GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9866GUL ROHM-BD9866GUL Datasheet
1Mb / 39P
   4CH Internal Power MOSFET System Switching Regulator
BD9300FV ROHM-BD9300FV Datasheet
212Kb / 6P
   1ch Switching Regulator Controller
BD9850FVM ROHM-BD9850FVM Datasheet
200Kb / 6P
   1ch switching regulator controller
logo
Silicon Mitus, Inc.
SM41NC SILICONMITUS-SM41NC Datasheet
334Kb / 1P
   LDO Regulator and Internal-Switch Buck Regulator with Adjustable Switching Frequency
Februay 2018 Rev. 0.0.0
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
BD90640HFP-CTR ROHM-BD90640HFP-CTR Datasheet
3Mb / 44P
   1ch Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV57331TT SANYO-LV57331TT Datasheet
210Kb / 4P
   1ch Step-up Switching Regulator (Variable Type)
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com