Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75201MPWPREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201MPWPREP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75201MPWPREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS75201MPWPREP Datasheet HTML 1Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 2Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 3Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 4Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 5Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 6Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 7Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 8Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS75201MEP
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATOR
WITH RESET
SGLS325 − JANUARY 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TJ − Junction Temperature − °C
−40
10
110
60
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
300
160
250
200
150
100
50
0
IO = 0.5 A
IO = 1.5 A
IO = 2 A
t − Time − ms
LOAD TRANSIENT RESPONSE
−150
3
2
14
5
7
68
9
10
0
0
0
50
−50
IL = 2 A
CL = 100 µF (Tantalum)
VO = 3.3 V
−100
2
1
description (continued)
The TPS75201M-EP is adjustable (programmable over the range of 1.5 V to 5 V). Output voltage tolerance is
specified as a maximum of 2% over line, load, and temperature ranges.
ORDERING INFORMATION†
TJ
OUTPUT VOLTAGE
PACKAGE‡
ORDERABLE PART NUMBER
TJ
OUTPUT VOLTAGE
(TYP)
PACKAGE‡
ORDERABLE PART NUMBER
−55
°C to 125°C
Adjustable 1.5 V to 5 V
TSSOP – PWP
Tape and reel
TPS75201MPWPREP
† The TPS75201M-EP is programmable using an external resistor divider (see application information).
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
† See application information section for capacitor selection details.
RESET
OUT
OUT
4
3
5
IN
IN
EN
GND
17
6
8
9
VI
0.22
µF
RESET Output
VO
47
µF
+
CO†
SENSE
7
Figure 1. Typical Application Configuration (for Fixed-Output Options)


Similar Part No. - TPS75201MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
More results

Similar Description - TPS75201MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS75125-EP TI1-TPS75125-EP Datasheet
698Kb / 24P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com