Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78101DRVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78101DRVR
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78101DRVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS78101DRVR Datasheet HTML 6Page - Texas Instruments TPS78101DRVR Datasheet HTML 7Page - Texas Instruments TPS78101DRVR Datasheet HTML 8Page - Texas Instruments TPS78101DRVR Datasheet HTML 9Page - Texas Instruments TPS78101DRVR Datasheet HTML 10Page - Texas Instruments TPS78101DRVR Datasheet HTML 11Page - Texas Instruments TPS78101DRVR Datasheet HTML 12Page - Texas Instruments TPS78101DRVR Datasheet HTML 13Page - Texas Instruments TPS78101DRVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
1
0
-1
-2
150mA
0.1mA
5mA
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
3
2
1
0
-1
-2
-3
150mA
0.1mA
5mA
10
100
1k
10k
100k
Frequency(Hz)
100
10
1
0.1
0.01
0.001
150mA
109 V
m RMS
50mA
109 V
m RMS
1mA
108 V
m RMS
Time(20ms/div)
LoadCurrent
Enable
V
OUT
V
IN
V
=0.0Vto
IN
5.0V
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
0V
10
10M
100
1k
10k
100k
1M
Frequency(Hz)
80
70
60
50
40
30
20
10
0
150mA
50mA
1mA
TPS781 Series
SBVS102B – MARCH 2008 – REVISED MAY 2008 ........................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
%
ΔVOUT vs TEMPERATURE
%
ΔVOUT vs TEMPERATURE
IOUT = 1mA, VIN = 3.8V, VOUT = 3.3V
VVSET = 1.2V, VIN = 2.7V, VOUT = 2.2V (typ)
TPS78101
TPS781330220
Figure 31.
Figure 32.
%
ΔVOUT vs TEMPERATURE
OUTPUT SPECTRAL NOISE DENSITY vs FREQUENCY
VVSET = 0.4V, VIN = 3.8V, VOUT = 3.3V (typ)
CIN = 1µF, COUT = 2.2µF, VVSET = 1.2V, VIN = 2.7V
TPS781330220
TPS781330220
Figure 33.
Figure 34.
RIPPLE REJECTION vs FREQUENCY
VIN = 2.7V, VOUT = 1.2V, COUT = 2.2µF
INPUT VOLTAGE RAMP vs OUTPUT VOLTAGE
TPS78101
TPS781330220
Figure 35.
Figure 36.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - TPS78101DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78101DRVR TI1-TPS78101DRVR Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS78101DRVRG4 TI1-TPS78101DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS78101DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com