Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90571EFJ-C Datasheet(PDF) 5 Page - Rohm

Part # BD90571EFJ-C
Description  2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90571EFJ-C Datasheet(HTML) 5 Page - Rohm

  BD90571EFJ-C Datasheet HTML 1Page - Rohm BD90571EFJ-C Datasheet HTML 2Page - Rohm BD90571EFJ-C Datasheet HTML 3Page - Rohm BD90571EFJ-C Datasheet HTML 4Page - Rohm BD90571EFJ-C Datasheet HTML 5Page - Rohm BD90571EFJ-C Datasheet HTML 6Page - Rohm BD90571EFJ-C Datasheet HTML 7Page - Rohm BD90571EFJ-C Datasheet HTML 8Page - Rohm BD90571EFJ-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Datasheet
Datasheet
5/19
BD90571EFJ-C
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0T1T0AL00030-1-2
31.JUL.2012 Rev.001
Absolute maximum rating
Parameter
Symbol
Rating
Unit
VIN voltage
VIN
-0.3~7 *1
V
PVIN voltage
PVIN
-0.3~7 *1
V
EN voltage
EN
-0.3~7
V
SW voltage
SW
-1.0~PVIN *1
V
FB voltage
FB
-0.3~7
V
MODE voltage
MODE
-0.3~7
V
Power dissipation
Pd
3.75 *2
W
Operating temperature range
Topr
-40~+125
Storage temperature range
Tstg
-55~+150
Junction temperature
Tj
+150
*1 Pd should not be exceeded.
*2 33.3mW/°C reduction when Ta≧25°C if mounted on 4 layers glass epoxy board of 70mm×70mm×1.6mm
Recommended operating range (Ta=-40~+125°C)
Parameter
Symbol
Operating Range
Unit
VIN voltage
VVIN
2.69~5.5
V
PVIN voltage
VPVIN
2.69~5.5
V
EN voltage
VEN
0~5.5(*1)
V
MODE voltage
VMODE
0~5.5
V
Output current
ISW
0~1
A
*1 The circuit goes into test mode when the terminal EN is set at 6V or higher.


Similar Part No. - BD90571EFJ-C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD905 BOCA-BD905 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD905 ISC-BD905 Datasheet
250Kb / 2P
   isc Silicon NPN Power Transistor
logo
Continental Device Indi...
BD905 CDIL-BD905 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD905 NJSEMI-BD905 Datasheet
133Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BD90571EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90535EFJ-C ROHM-BD90535EFJ-C Datasheet
806Kb / 21P
   2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90532EFJ-C ROHM-BD90532EFJ-C Datasheet
904Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90532EFJ-CE2 ROHM-BD90532EFJ-CE2 Datasheet
721Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
   2.25MHz 1A Synchronous Step-Down Converter
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com