Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT137-600D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT137-600D
Description  Direct triggering from low power drivers and logic ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT137-600D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BT137-600D Datasheet HTML 2Page - NXP Semiconductors BT137-600D Datasheet HTML 3Page - NXP Semiconductors BT137-600D Datasheet HTML 4Page - NXP Semiconductors BT137-600D Datasheet HTML 5Page - NXP Semiconductors BT137-600D Datasheet HTML 6Page - NXP Semiconductors BT137-600D Datasheet HTML 7Page - NXP Semiconductors BT137-600D Datasheet HTML 8Page - NXP Semiconductors BT137-600D Datasheet HTML 9Page - NXP Semiconductors BT137-600D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BT137-600D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 24 March 2011
6 of 13
NXP Semiconductors
BT137-600D
4Q Triac
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+;
Tj =25°C; see Figure 7
-2.5
5
mA
VD =12V; IT = 0.1 A; T2+ G-;
Tj =25°C; see Figure 7
-3.5
5
mA
VD =12V; IT = 0.1 A; T2- G-;
Tj =25°C; see Figure 7
-3.5
5
mA
VD =12V; IT = 0.1 A; T2- G+;
Tj =25°C; see Figure 7
-6.5
10
mA
IL
latching current
VD =12V; IG = 0.1 A; T2+ G+;
Tj =25°C; see Figure 8
-1.6
15
mA
VD =12V; IG = 0.1 A; T2+ G-;
Tj =25°C; see Figure 8
-8.5
20
mA
VD =12V; IG = 0.1 A; T2- G-;
Tj =25°C; see Figure 8
-1.2
15
mA
VD =12V; IG = 0.1 A; T2- G+;
Tj =25°C; see Figure 8
-2.5
20
mA
IH
holding current
VD =12V; Tj =25 °C; see Figure 9
-1.5
10
mA
VT
on-state voltage
IT =10A; Tj = 25 °C; see Figure 10
-
1.3
1.65
V
VGT
gate trigger voltage
VD =12V; IT = 0.1 A; Tj =25°C;
see Figure 11
-0.7
1.5
V
VD =400 V; IT = 0.1 A; Tj =125 °C;
see Figure 11
0.25
0.4
-
V
ID
off-state current
VD =600 V; Tj = 125 °C
-
0.1
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM =402 V; Tj =125 °C; RGT1 =1kΩ;
exponential waveform; gate open circuit
-5
-V/µs
tgt
gate-controlled turn-on
time
ITM =12A; VD = 600 V; IG = 0.1 mA;
dIG/dt = 5 A/µs
-2
-µs


Similar Part No. - BT137-600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137-600D PHILIPS-BT137-600D Datasheet
45Kb / 6P
   Triacs logic level
October 1997 Rev 1.200
logo
Teccor Electronics
BT137-600D TECCOR-BT137-600D Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
Tiger Electronic Co.,Lt...
BT137-600D TGS-BT137-600D Datasheet
680Kb / 1P
   Triacs sensitive gate
logo
Kersemi Electronic Co.,...
BT137-600D KERSEMI-BT137-600D Datasheet
760Kb / 4P
   Glass passivated triacs in a plastic
logo
Inchange Semiconductor ...
BT137-600D ISC-BT137-600D Datasheet
151Kb / 1P
   With TO-220 package
More results

Similar Description - BT137-600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
N5462B KEYSIGHT-N5462B Datasheet
5Mb / 8P
   Triggering and Decode
N8817B KEYSIGHT-N8817B Datasheet
8Mb / 8P
   Triggering and decode
logo
Texas Instruments
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com