Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79318DBVREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79318DBVREP
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318DBVREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS79318DBVREP Datasheet HTML 1Page - Texas Instruments TPS79318DBVREP Datasheet HTML 2Page - Texas Instruments TPS79318DBVREP Datasheet HTML 3Page - Texas Instruments TPS79318DBVREP Datasheet HTML 4Page - Texas Instruments TPS79318DBVREP Datasheet HTML 5Page - Texas Instruments TPS79318DBVREP Datasheet HTML 6Page - Texas Instruments TPS79318DBVREP Datasheet HTML 7Page - Texas Instruments TPS79318DBVREP Datasheet HTML 8Page - Texas Instruments TPS79318DBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
ELECTRICAL CHARACTERISTICS
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, EN = V
I, TJ = –55 to 125°C and TJ = –40 to 125°C, VI = VO(typ) +
1 V, I
O = 1 mA, Co = 10 µF, C(byp) = 0.01 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage(1)
2.7
5.5
V
IO
Continuous output current(2)
0
200
mA
TJ
Operating junction temperature
–55
125
°C
0
µA < I
O < 200 mA,
TJ = –40 to 125°C,
0.98 Vo
1.02 Vo
1.22 V
≤ V
O ≤ 5.2 V
(3)
TPS79301
0
µA < I
O < 200 mA,
TJ = –55 to 125°C,
1.025
0.97 Vo
1.22 V
≤ V
O ≤ 5.2 V
(3)
Vo
TJ = 25°C
1.8
TPS79318
0
µA < I
O < 200 mA,
2.8 V < VI < 5.5 V
1.764
1.836
TJ = 25°C
2.5
TPS79325
0
µA < I
O < 200 mA,
3.5 V < VI < 5.5 V
2.45
2.55
TJ = 25°C
2.8
TPS79328
Output voltage
V
0
µA < I
O < 200 mA,
3.8 V < VI < 5.5 V
2.744
2.856
TJ = 25°C
2.85
TPS793285
0
µA < I
O < 200 mA,
3.85 V < VI < 5.5 V
2.793
2.907
TJ = 25°C
3
TPS79330
0
µA < I
O < 200 mA,
4 V < VI < 5.5 V
2.94
3.06
TJ = 25°C
3.3
TPS79333
0
µA < I
O < 200 mA,
4.3 V < VI < 5.5 V
3.234
3.366
TJ = 25°C
4.75
TPS793475
0
µA < I
O < 200 mA,
5.25 V < VI < 5.5 V
4.655
4.845
0
µA < I
O < 200 mA,
TJ = 25°C
170
Quiescent current (GND current)
µA
0
µA < I
O < 200 mA
220
Load regulation
0
µA < I
O < 200 mA,
TJ = 25°C
5
mV
VO + 1 V < VI ≤ 5.5 V,
TJ = 25°C
0.05
Output voltage line regulation (
∆V
O/VO)
(4)
%/V
VO + 1 V < VI ≤ 5.5 V
0.12
C(byp) = 0.001 µF
55
C(byp) = 0.0047 µF
36
BW = 200 Hz to 100 kHz,
Output noise voltage (TPS79328)
µV
RMS
IO = 200 mA, TJ = 25°C
C(byp) = 0.01 µF
33
C(byp) = 0.1 µF
32
C(byp) = 0.001 µF
50
RL = 14 Ω,
Time, start-up (TPS79328)
C(byp) = 0.0047 µF
70
µs
Co = 1 µF, TJ = 25°C
C(byp) = 0.01 µF
100
Output current limit
VO = 0 V(3)
285
600
mA
Standby current
EN = 0 V,
2.7 V < VI < 5.5 V
0.07
1
µA
High-level enable input voltage
2.7 V < VI < 5.5 V
2
V
Low-level enable input voltage
2.7 V < VI < 5.5 V
0.7
V
Input current (EN)
EN = 0
–1
1
µA
(1)
To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
(2)
Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that
the device operate under conditions beyond those specified in this table for extended periods of time.
(3)
The minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. The maximum IN voltage is 5.5 V. The maximum
output current is 200 mA.
(4)
If VO ≤ 2.5 V, then VImin = 2.7 V, VImax = 5.5 V:
If VO ≥ 2.5 V, then VImin = VO + 1 V, VImax = 5.5 V.
4
Submit Documentation Feedback


Similar Part No. - TPS79318DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79318DBVREP TI1-TPS79318DBVREP Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79318DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com