Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMHS-MS002 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # CMHS-MS002
Description  Ceramic Resonator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

CMHS-MS002 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  CMHS-MS002 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd CMHS-MS002 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4. DIMENSIONS & STRUCTURE
● PCB Soldering Land Dimensions
● Marking
1.6±0.15
24.00
A *#
0.5±0.
1
0.5±0.
1
1.6±0.15
2.0±0.
15
0.5±0.
1
0.5±0.
1
(Unit : mm)
2.
0±0.15
1.6±0.15
0.5
0.5
0.8
0.4
0.8
0.4
Land
*#
Internal Management Code
* : Monthly Code, # : Weekly Code
Weekly Code
Weekly
Code
1
1
2
2
3
3
4
4
5
5
Monthly Code
1
2
3
4
5
6
7
8
9
10 11 12
2008
n
p
q
r
s
t
u
v
w
x
y
z
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V W X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
Month
Year
1.
1 max
CMHS-MS002
Ceramic Resonator


Similar Part No. - CMHS-MS002

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
CMHSH-3 CENTRAL-CMHSH-3_10 Datasheet
372Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
CMHSH-3 CENTRAL-CMHSH-3_15 Datasheet
372Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
CMHSH5-2L CENTRAL-CMHSH5-2L Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 500mA, 20 VOLTS LOW FORWARD VOLTAGE
CMHSH5-2L CENTRAL-CMHSH5-2L_15 Datasheet
437Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CMHS-MS002

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com