Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1209XT-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # B1209XT-1WR2
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1209XT-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B1209XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1209XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1209XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1209XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1209XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_XT-1WR2
A/0-2012
Page 2 of 5
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Power
0.1
--
1
W
Output Voltage Accuracy
See tolerance envelope curve
Line Regulation
For Vin change of
±1%
--
--
±1.2
5Voutput
--
12
15
9V output
--
8
10
12V output
--
7
10
15V output
--
6
10
Load Regulation
10% to 100% load
24V output
--
5
10
%
Temperature Drift
100% full load
--
--
±0.03
%/
°C
Output Voltage
≤12V
--
30
--
Ripple & Noise*
20MHz Bandwidth
Output Voltage:15V, 24V
--
60
--
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note: * Ripple and noise tested by
“parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
B2424XT-1WR2
--
30
--
Isolation Capacitance
Input/Output,100KHz/0.1V
Others
--
20
--
pF
Switching Frequency
Full load, nominal input
--
100
300
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
1.52
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above100℃)
-40
--
105
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS B(External Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact
±8KV
perf. Criteria B
EMI RECOMMENDED CIRCUIT
EMI Recommended External Circuit(CLASS B):
V in
G ND
+ Vo
0V
EUT
L O AD
L DM
C1
C2
V in
G ND
(Figure1)
Recommended external circuit parameters:
Vin:5V/12V
C1:4.7
µF/50V
LDM:6.8
µH
Vin:15V/24V
C1:4.7
µF/50V
LDM:6.8
µH
C2:
470pF/2KV


Similar Part No. - B1209XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1209XT-1WR2 MORNSUN-B1209XT-1WR2 Datasheet
306Kb / 4P
   DC/DC Converter
B1209XT-1WR2 MORNSUN-B1209XT-1WR2 Datasheet
241Kb / 5P
   DC/DC Converter
More results

Similar Description - B1209XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com