Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78228DDCTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS78228DDCTG4
Description  500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78228DDCTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78228DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 10Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 11Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 12Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 13Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 14Page - Texas Instruments TPS78228DDCTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
t=3
10k
R
W
L
´
10kW +RL
C
OUT
´
TPS78227
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
TPS782xx
www.ti.com
SBVS115B – AUGUST 2008 – REVISED MAY 2010
SHUTDOWN
DROPOUT VOLTAGE
The enable pin (EN) is active high and is compatible
The TPS782 series use a PMOS pass transistor to
with standard and low-voltage CMOS levels. When
achieve low dropout. When (VIN – VOUT) is less than
shutdown capability is not required, EN should be
the dropout voltage (VDO), the PMOS pass device is
connected to the IN pin, as shown in Figure 23. The
the linear region of operation and the input-to-output
TPS782 series, with internal active output pull-down
resistance is the RDS(ON) of the PMOS pass element.
circuitry, discharges the output to within 5% VOUT with
VDO
approximately
scales
with
output
current
a time (t) shown in Equation 1:
because the PMOS device behaves like a resistor in
dropout. As with any linear regulator, PSRR and
transient response are degraded as (VIN – VOUT)
approaches dropout. This effect is shown in the
(1)
Typical Characteristics section. Refer to application
report
SLVA207,
Understanding
LDO
Dropout,
Where:
available for download from www.ti.com.
RL= output load resistance
COUT = output capacitance
TRANSIENT RESPONSE
As with any regulator, increasing the size of the
output capacitor reduces over/undershoot magnitude
but increases duration of the transient response. For
more information, see Figure 19.
ACTIVE VOUT PULL-DOWN
In the TPS782 series, the active pull-down discharges
VOUT when the device is off. However, the input
voltage must be greater than 2.2V for the active
pull-down to work.
Figure 23. Circuit Showing EN Tied High when
MINIMUM LOAD
Shutdown Capability is Not Required
The TPS782 series are stable with no output load.
Traditional PMOS LDO regulators suffer from lower
loop gain at very light output loads. The TPS782
employs an innovative, low-current circuit under very
light or no-load conditions, resulting in improved
output voltage regulation performance down to zero
output current. See Figure 19 for the load transient
response.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS78228DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78228DDCTG4 TI-TPS78228DDCTG4 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78228DDCTG4 TI1-TPS78228DDCTG4 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78228DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com