Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST27SF512-70-3C-WG Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST27SF512-70-3C-WG
Description  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF512-70-3C-WG Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST27SF512-70-3C-WG Datasheet HTML 2Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 3Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 9Page - Silicon Storage Technology, Inc SST27SF512-70-3C-WG Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1-A0
Address Inputs
To provide memory addresses
DQ7-DQ0
Data Input/output
To output data during Read cycles and receive input data during Program cycles
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low
OE#
Output Enable
For SST27SF256/010/020, to gate the data output buffers during Read operation
OE#/VPP
Output Enable/VPP
For SST27SF512, to gate the data output buffers during Read operation and high voltage
pin during Chip-Erase and programming operation
VPP
Power Supply for
Program or Erase
For SST27SF256/010/020, high voltage pin during Chip-Erase and programming opera-
tion 12V (±5%)
VDD
Power Supply
To provide 5.0V supply (±10%)
VSS
Ground
NC
No Connection
Unconnected pins.
T2.3 502
1. AMS = Most significant address
AMS = A14 for SST27SF256, A15 for SST27SF512, A16 for SST27SF010, and A17 for SST27SF020


Similar Part No. - SST27SF512-70-3C-WG

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF512-70-3C-WH SST-SST27SF512-70-3C-WH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-WHE SST-SST27SF512-70-3C-WHE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF512-70-3C-WG

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com