Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2415(X)T-1W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # A2415(X)T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A2415(X)T-1W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  A2415(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A2415(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A2415(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A2415(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A2415(X)T-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_(X)T-1W
B/2-2012
Page 3 of 5
EMC RECOMMENDED CIRCUIT
EMI Recommended External Circuit (CLASS A):
(Figure 1)
Recommended external circuit param eters:
①Vin:15V
C1:2.2
µF/50V 1210
②Vin:24V
C1:4.7
µF/50V 1210
CY:100pF/2000V
1206
Rem arks:Product bare input of 3.3V、5V、12V can be tested by the CLASS A.
PRODUCT TYPICAL CURVE
Tolerance Env elope Graph
+10%
+5%
50%
10 0%
+2. 5%
- 2.5%
- 7.5%
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ra ted
Outp ut
Voltage
Outp ut Cu rren t Percent (%)
Amb ient Te mp.()
Tem perature D erating Graph
Saf e Op eratin g Ar ea
Typical L
oad Line
70%
(Nom inal Input Vol tage)
Efficiency VS Input Voltage curve
(Full Load)
50
53
56
59
62
65
68
71
74
77
80
Input Voltage(V)
A0505T-1W
Efficiency VS Input Voltage curve
(Full Load)
50
53
56
59
62
65
68
71
74
77
80
Input Voltage(V)
A2405T-1W
Output Load VS Efficiency curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
10
20
30
40
50
60
70
80
90
100
Output Current Percent(%)
A0505T-1W
Output Load VS Efficiency curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
10
20
30
40
50
60
70
80
90
100
Output Current Percent(%)
A2405T-1W
Recommended reflow Soldering Profile
0
50
100
150
200
250
Ti m e ( s ec.)
220C
o
10
Max
S ec
260C
o
90
M ax
(> 220 C)
S ec
o
Remark: The curve applies only to the hot air reflow soldering


Similar Part No. - A2415(X)T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2415(X)T-1W MORNSUN-A2415(X)T-1W Datasheet
164Kb / 4P
   DC/DC Converter
More results

Similar Description - A2415(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com