Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79927QDRVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79927QDRVRQ1
Description  200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79927QDRVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79927QDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 11Page - Texas Instruments TPS79927QDRVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
V =xV
N
OUT
10.5 V
m
RMS
V
TPS79901-Q1, TPS79912-Q1, TPS79915-Q1
TPS79918-Q1, TPS79925-Q1, TPS79927-Q1, TPS79933-Q1
SBVS097E
– MARCH 2008 – REVISED JANUARY 2012
www.ti.com
(1)
The TPS79901 adjustable version does not have the noise-reduction pin available, so ultra-low noise operation is
not possible. Noise can be minimized according to the previous recommendations.
Board Layout Recommendations to Improve PSRR and Noise Performance
To improve ac performance such as PSRR, output noise, and transient response, it is recommended that the
board be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the
GND pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the
GND pin of the device.
Internal Current Limit
The TPS799xx internal current limit helps protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. For reliable operation, the
device should not be operated in current limit for extended periods of time.
The PMOS pass element in the TPS799xx has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting may be appropriate.
Shutdown
The enable pin (EN) is active high and is compatible with standard and low voltage TTL-CMOS levels. When
shutdown capability is not required, EN can be connected to IN.
Dropout Voltage
The TPS799xx uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in its linear region of operation and the input-to-output resistance is the
RDS, ON of the PMOS pass element. Because the PMOS device behaves like a resistor in dropout, VDO scales
approximately with output current.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
This effect is shown in Figure 9 through Figure 11 in the Typical Characteristics section.
Startup
Fixed voltage versions of the TPS799xx use a quick-start circuit to fast-charge the noise reduction capacitor,
CNR, if present (see Functional Block Diagrams, Figure 1). This allows the combination of very low output noise
and fast start-up times. The NR pin is high impedance so a low leakage CNR capacitor must be used; most
ceramic capacitors are appropriate in this configuration.
Note that for fastest startup, VIN should be applied first, then the enable pin (EN) driven high. If EN is tied to IN,
startup is somewhat slower. The quick-start switch is closed for approximately 135
μs. To ensure that CNR is fully
charged during the quick-start time, a 0.01
μF or smaller capacitor should be used.
Transient Response
As with any regulator, increasing the size of the output capacitor reduces over/undershoot magnitude but
increase duration of the transient response. In the adjustable version, adding CFB between OUT and FB
improves stability and transient response. The transient response of the TPS799xx is enhanced by an active
pulldown that engages when the output overshoots by approximately 5% or more when the device is enabled.
When enabled, the pulldown device behaves like a 350-
Ω resistor to ground.
Undervoltage Lockout (UVLO)
The TPS799xx utilizes a UVLO circuit to keep the output shut off until internal circuitry is operating properly. The
UVLO circuit has a deglitch feature so that it typically ignores undershoot transients on the input if they are less
than 50-
μs duration.
8
Submit Documentation Feedback
Copyright
© 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS79901-Q1 TPS79912-Q1 TPS79915-Q1 TPS79918-Q1 TPS79925-Q1 TPS79927-Q1
TPS79933-Q1


Similar Part No. - TPS79927QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79927QDRVRQ1 TI1-TPS79927QDRVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
More results

Similar Description - TPS79927QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com