Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84320 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84320
Description  4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84320 Datasheet(HTML) 1 Page - Texas Instruments

  TPS84320 Datasheet HTML 1Page - Texas Instruments TPS84320 Datasheet HTML 2Page - Texas Instruments TPS84320 Datasheet HTML 3Page - Texas Instruments TPS84320 Datasheet HTML 4Page - Texas Instruments TPS84320 Datasheet HTML 5Page - Texas Instruments TPS84320 Datasheet HTML 6Page - Texas Instruments TPS84320 Datasheet HTML 7Page - Texas Instruments TPS84320 Datasheet HTML 8Page - Texas Instruments TPS84320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VOUT
PVIN
VIN
TPS84320
SENSE+
VADJ
AGND
PGND
COUT
RSET
VOUT
CIN
VIN
UDG-10082
PWRGD
STSEL
RT/CLK
INH/UVLO
SS/TR
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = PVIN = 5 V,VOUT = 3.3V, fSW = 630 kHz
VIN = PVIN = 12 V,VOUT = 3.3V, fSW = 630 kHz
G000
TPS84320
www.ti.com
SLUSAH7
– SEPTEMBER 2011
4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
Check for Samples: TPS84320
1
FEATURES
DESCRIPTION
2
Complete Integrated Power Solution Allows
The TPS84320RUQ is an easy-to-use integrated
Small Footprint, Low-Profile Design
power solution that combines a 3-A DC/DC converter
Efficiencies Up To 95%
with power MOSFETs, an inductor, and passives into
Wide-Output Voltage Adjust
a low profile, BQFN package. This total power
0.8 V to 5.5 V, with 1% Reference Accuracy
solution allows as few as 3 external components and
eliminates the loop compensation and magnetics
Optional Split Power Rail Allows
design process.
Input Voltage Down to 1.6 V
The 9
×15×2.8 mm BQFN package is easy to solder
Adjustable Switching Frequency
onto a printed circuit board and allows a compact
(330 kHz to 780 kHz)
point-of-load design with up to 95% efficiency and
Synchronizes to an External Clock
excellent power dissipation with a thermal impedance
Adjustable Slow-Start
of 13
°C/W junction to ambient. The device delivers
the full 3-A rated output current at 85
°C ambient
Output Voltage Sequencing / Tracking
temperature without airflow.
Power Good Output
The
TPS84320
offers
the
flexibility
and
the
Programmable Undervoltage Lockout (UVLO)
feature-set of a discrete point-of-load design and is
Overcurrent Protection - Hiccup-Mode
ideal for powering performance DSPs and FPGAs.
Over Temperature Protection
Advanced packaging technology afford a robust and
reliable power solution compatible with standard QFN
Pre-bias Output Start-up
mounting and testing techniques.
Operating Temperature Range:
–40°C to 85°C
Enhanced Thermal Performance: 13
°C/W
SIMPLIFIED APPLICATION
Meets EN55022 Class B Emissions
For Design Help Including SwitcherPro
™ visit
http://www.ti.com/TPS84320
APPLICATIONS
Broadband
& Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SwitcherPro is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS84320

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS843 TOSHIBA-TPS843 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS843F TOSHIBA-TPS843F Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
More results

Similar Description - TPS84320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com