Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84621 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84621
Description  4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84621 Datasheet(HTML) 3 Page - Texas Instruments

  TPS84621 Datasheet HTML 1Page - Texas Instruments TPS84621 Datasheet HTML 2Page - Texas Instruments TPS84621 Datasheet HTML 3Page - Texas Instruments TPS84621 Datasheet HTML 4Page - Texas Instruments TPS84621 Datasheet HTML 5Page - Texas Instruments TPS84621 Datasheet HTML 6Page - Texas Instruments TPS84621 Datasheet HTML 7Page - Texas Instruments TPS84621 Datasheet HTML 8Page - Texas Instruments TPS84621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPS84621
www.ti.com
SLVSAW7A – DECEMBER 2011 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 6 A,
CIN1 = 2 x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
6
A
VIN
Input bias voltage range
Over IOUT range
4.5
14.5
V
PVIN
Input switching voltage range
Over IOUT range
1.6(1)
14.5(2)
V
VIN = increasing
4.0
4.5
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
3.5
3.85
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.6(2)
5.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (3)
Temperature variation
-40°C
≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over PVIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (3)
VOUT = 5 V, fSW = 780 kHz
92 %
VOUT = 3.3 V, fSW = 630 kHz
91 %
VOUT = 2.5 V, fSW = 530 kHz
89 %
PVIN = VIN = 12 V
IO = 2 A
VOUT = 1.8 V, fSW = 480 kHz
88 %
VOUT = 1.2 V, fSW = 480 kHz
85 %
VOUT = 0.8 V, fSW = 480 kHz
80 %
η
Efficiency
PVIN = VIN = 5 V
VOUT = 3.3V, fSW = 630 kHz
95 %
IO = 2 A
VOUT = 2.5V, fSW = 530 kHz
93 %
VOUT = 1.8V, fSW = 480 kHz
91 %
VOUT = 1.2V, fSW = 480 kHz
89 %
VOUT = 0.8V, fSW = 480 kHz
85 %
VOUT = 0.6V, fSW = 250 kHz
83 %
Output voltage ripple
20 MHz bandwith
30
mVPP
ILIM
Overcurrent threshold
11
A
Recovery time
80
µs
Transient response
1.0 A/µs load step from 50 to 100% IOUT(max)
VOUT
60
mV
over/undershoot
VINH-H
Inhibit High Voltage
1.30
Open (4)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.05
INH Input current
INH < 1.1 V
-1.15
μA
INH Hysteresis current
INH > 1.26 V
-3.4
μA
II(stby)
Input standby current
INH pin to AGND
2
4
µA
Good
94%
VOUT rising
Fault
109%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
106%
PWRGD Low Voltage
I(PWRGD) = 2 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
200
250
300
kHz
fCLK
Synchronization frequency
250
780
kHz
VCLK-H
CLK High-Level Threshold
2.0
5.5
V
CLK Control
VCLK-L
CLK Low-Level Threshold
0.8
V
DCLK
CLK Duty cycle
20%
80%
Thermal shutdown
160
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
10
°C
(1)
The minimum PVIN voltage is 1.6V or (VOUT+ 0.9V), whichever is greater. VIN must be greater than 4.5V.
(2)
The maximum PVIN voltage is 14.5V or (15 x VOUT), whichever is less.
(3)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(4)
This control pin has an internal pullup. If this pin is left open circuit, the device operates when input power is applied. A small low-
leakage MOSFET is recommended for control. See the application section for further guidance.
Copyright © 2011–2012, Texas Instruments Incorporated
3


Similar Part No. - TPS84621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
TPS84620RUQR TI1-TPS84620RUQR Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620RUQT TI1-TPS84620RUQT Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results

Similar Description - TPS84621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com