Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS386000-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS386000-Q1
Description  Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS386000-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS386000-Q1 Datasheet HTML 1Page - Texas Instruments TPS386000-Q1 Datasheet HTML 2Page - Texas Instruments TPS386000-Q1 Datasheet HTML 3Page - Texas Instruments TPS386000-Q1 Datasheet HTML 4Page - Texas Instruments TPS386000-Q1 Datasheet HTML 5Page - Texas Instruments TPS386000-Q1 Datasheet HTML 6Page - Texas Instruments TPS386000-Q1 Datasheet HTML 7Page - Texas Instruments TPS386000-Q1 Datasheet HTML 8Page - Texas Instruments TPS386000-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS386000-Q1
www.ti.com
SBVS149 – SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
Over the operating temperature range of TJ = –40°C to +125°C, 1.8V < VVCC < 6.5V, RRESETn (n = 1, 2, 3, 4) = 100kΩ to VVCC,
CRESETn (n = 1, 2, 3, 4L, 4H) = 50pF to GND, RWDO = 100kΩ to VVCC, CWDO = 50pF to GND, VMR = 100kΩ to VVCC, WDI =
GND, and CTn (n = 1, 2, 3, 4) = open, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVCC
Input supply range
1.8
6.5
V
VVCC = 3.3V, RESETn or RESETn not
asserted, WDI toggling(1), no output load,
11
19
mA
and VREF open
IVCC
Supply current (current into VCC pin)
VVCC = 6.5V, RESETn or RESETn not
asserted, WDI toggling(1), no output load,
13
22
mA
and VREF open
Power-up reset voltage(2)(3)
VOL (max) = 0.2V, IRESETn = 15mA
0.9
V
VITN
Negative-going input threshold voltage SENSE1, SENSE2, SENSE3, SENSE4L
396
400
404
mV
VITP
Positive-going input threshold voltage
SENSE4H
396
400
404
mV
VHYSN
Hysteresis (positive-going) on VITN
SENSE1, SENSE2, SENSE3, SENSE4L
3.5
10
mV
VHYSP
Hysteresis (negative-going) on VITP
SENSE4H
3.5
10
mV
ISENSE
Input current at SENSEm pin
VSENSEm = 0.42V
–25
±1
+25
nA
CT1
CCT1 > 220pF, VCT1 = 0.5V
(4)
245
300
355
nA
CTn pin charging
ICT
current
CT2, CT3, CT4
CCTn > 220pF, VCTn = 0.5V
(4)
235
300
365
nA
VTH(CTn)
CTn pin threshold
CCTn > 220pF
1.180
1.238
1.299
V
VIL
MR and WDI logic low input
0
0.3VVCC
V
VIH
MR and WDI logic high input
0.7VVCC
V
IOL = 1mA
0.4
V
Low-level RESETn or RESETn output
SENSEn = 0V, 1.3V < VVCC < 1.8V,
voltage
VOL
0.3
V
IOL = 0.4mA
(2)
Low-level WDO output voltage
IOL = 1mA
0.4
V
RESETn, RESETn, WDO, and WDO
VRESETn = 6.5V, RESETn, RESETn, WDO,
ILKG
–300
300
nA
leakage current
and WDO are logic high
VREF
Reference voltage output
1mA < IVREF < 0.2mA (source only, no sink)
1.18
1.20
1.22
V
CIN
Input pin capacitance
CTn: 0V to VVCC, other pins: 0V to 6.5V
5
pF
SENSEm: 1.05VITN → 0.95VITN or
4
ms
Input pulse width to SENSEm and MR 0.95V
ITP → 1.05VITP
tW
pins
MR: 0.7VCC → 0.3VVCC
1
ns
CTn = open
14
20
24
ms
tD
RESETn or RESETn delay time
CTn = VVCC
225
300
375
ms
Start from RESET1 or RESET1 release or
tWDT
Watchdog timer timeout period
450
600
750
ms
last WDI transition
(1)
Toggling WDI for a period less than tWDT negatively affects IVCC.
(2)
These specifications are beyond the recommended VVCC range, and only define RESETn or RESETn output performance during VCC
ramp up.
(3)
The lowest supply voltage (VVCC) at which RESETn or RESETn becomes active; tRISE(VCC) ≥ 15ms/V.
(4)
CTn (where n = 1, 2, 3, or 4) are constant current charging sources working from a range of 0V to VTH(CTn), and the device is tested at
VCTn = 0.5V. For ICT performance between 0V and VTH(CTn), see Figure 23.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS386000-Q1


Similar Part No. - TPS386000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
More results

Similar Description - TPS386000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386000 TI-TPS386000 Datasheet
917Kb / 28P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com