Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS386000-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS386000-Q1
Description  Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS386000-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS386000-Q1 Datasheet HTML 2Page - Texas Instruments TPS386000-Q1 Datasheet HTML 3Page - Texas Instruments TPS386000-Q1 Datasheet HTML 4Page - Texas Instruments TPS386000-Q1 Datasheet HTML 5Page - Texas Instruments TPS386000-Q1 Datasheet HTML 6Page - Texas Instruments TPS386000-Q1 Datasheet HTML 7Page - Texas Instruments TPS386000-Q1 Datasheet HTML 8Page - Texas Instruments TPS386000-Q1 Datasheet HTML 9Page - Texas Instruments TPS386000-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS386000-Q1
SBVS149 – SEPTEMBER 2010
www.ti.com
PIN ASSIGNMENTS (continued)
PIN
NAME
NO.
DESCRIPTION
RESET1
15
Active low reset output of SVS-1
RESETn is an open-drain output pin. When
RESETn is asserted, this pin remains in a
RESET2
16
Active low reset output of SVS-2
low-impedance state. When RESETn is released,
RESET3
17
Active low reset output of SVS-3
this pin goes to a high-impedance state after the
delay time programmed by CTn.
RESET4
18
Active low reset output of SVS-4
Watchdog timer output. This is an open-drain output pin. When WDT times out, this pin goes to a
WDO
19
low-impedance state to GND. If there is no WDT timeout, this pin stays in a high-impedance state.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS386000-Q1


Similar Part No. - TPS386000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
More results

Similar Description - TPS386000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386000 TI-TPS386000 Datasheet
917Kb / 28P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com