Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS386596L33DGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS386596L33DGKR
Description  Quad Reset Supervisor with Manual Reset Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS386596L33DGKR Datasheet(HTML) 3 Page - Texas Instruments

  TPS386596L33DGKR Datasheet HTML 1Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 2Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 3Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 4Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 5Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 6Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 7Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 8Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TPS386596L33
www.ti.com
SLVSA75 – JULY 2010
ELECTRICAL CHARACTERISTICS
Over the operating temperature range of TJ = –40°C to +125°C. 1.8V < VCC < 6.5V, R/RESET = 100kΩ to VCC, C/RESET = 50pF
to GND, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVCC
Input supply range
1.8
6.5
V
VCC = 3.3V, RESET not asserted
7
19
µA
VCC Supply current (current into VCC
IVCC
pin)
VCC = 6.5V, RESET not asserted
7.5
22
µA
Power-up Reset Voltage(1) (2)
VOL(max) = 0.2V, IRESET = 15µA
0.9
V
SENSE1
2.87
2.90
2.93
V
Negative-going Input Threshold
VITn
Accuracy
SENSE2, SENSE3, SENSE4
396
400
404
mV
SENSE1
25
72
mV
VHYS
Hysteresis (Positive-going) on VIT pin
SENSE2, SENSE3, SENSE4
3.5
10
mV
SENSEn: 1.05VIT
≥ 0.95VIT
4
µs
Input pulse width to SENSEn and MR
tw
pins
MR: 0.7VCC
≥ 0.3VCC
50
ns
ISENSE1
Input Current at SENSE1
VSENSE1 = 3.3V
2.2
2.75
3.3
µA
Input Current at SENSEn pin, n = 2, 3,
ISENSEn
VSENSEn = 0.42V
-25
25
nA
4
td
RESETdelay time
30
50
70
ms
VIL
MR logic low input
0
0.3Vcc
V
VIH
MRlogic high input
0.7Vcc
V
RMR_Pullup
Internal pullup resistor on MR pin to
100
k
Ω
VCC
IOL = 1mA
0.4
VOL
Low-level RESET output voltage
V
SENSEn = 0V, 1.3V < VCC < 1.8V, IOL =
0.3
0.4mA(1)
ILKG
RESET Leakage Current
VRESET = 6.5V, RESET not asserted
–300
300
nA
CIN
Input pin capacitance
5
pF
(1)
These specs are out of recommended VCC range and only define RESET output performance during VCC ramp up.
(2)
The lowest supply voltage (VCC) at which RESET becomes active. Trise(VDD)
≥ 15us/V.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS386596L33


Similar Part No. - TPS386596L33DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386596L33DGKR TI-TPS386596L33DGKR Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results

Similar Description - TPS386596L33DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com