Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDJ0801HFV Datasheet(PDF) 6 Page - Rohm

Part # BDJ0801HFV
Description  Low current Thermostat Output Temperature Sensor ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0801HFV Datasheet(HTML) 6 Page - Rohm

Back Button BDJ0801HFV Datasheet HTML 2Page - Rohm BDJ0801HFV Datasheet HTML 3Page - Rohm BDJ0801HFV Datasheet HTML 4Page - Rohm BDJ0801HFV Datasheet HTML 5Page - Rohm BDJ0801HFV Datasheet HTML 6Page - Rohm BDJ0801HFV Datasheet HTML 7Page - Rohm BDJ0801HFV Datasheet HTML 8Page - Rohm BDJ0801HFV Datasheet HTML 9Page - Rohm BDJ0801HFV Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical Note
6/9
BDJ□□□1HFV Series
www.rohm.com
2011.07 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Function Diagram(ex. 80℃ detect Active“H”type BDJ0801HFV)
Temperature sensor internal IC sense temperature, Vtemp terminal output voltage convert temperature.
Vtemp value is 1.300[V] at Ta = 30[℃].
The value of Vtemp voltage reduce reversely proportional temperature at rate of –8.2mV/℃.
If the temperature over detect temperature,
internal comparator operate OS output “L” to “H”.(ex.active “H” Type)
In case of OS return to “L”,the temperature 10℃ lower than detect temperature.
0
2.0
1.0
Vos
Vtemp@30℃
( 1.300V )
Temperature
Sensitivity
( -8.20mV/℃ typ.)
Detect point Temperature
Hysteresis
( 10℃ typ.)
Temperature [℃]
1.5
2.5
3.0
0.5
110
90
70
50
10
130
-30
30
-10
-50


Similar Part No. - BDJ0801HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0801HFV ROHM-BDJ0801HFV Datasheet
272Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function BDJ 1HFV Series
BDJ0801HFV-TR ROHM-BDJ0801HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
More results

Similar Description - BDJ0801HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com