Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR2290V65 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DCR2290V65
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DCR2290V65 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DCR2290V65 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GATE TRIGGER CHARACTERISTICS AND RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
VGT
Gate trigger voltage
VDRM = 5V, Tcase = 25°C
1.5
V
VGD
Gate non-trigger voltage
At VDRM, Tcase = 125°C
TBD
V
IGT
Gate trigger current
VDRM = 5V, Tcase = 25°C
250
mA
IGD
Gate non-trigger current
VDRM = 5V, Tcase = 25°C
TBD
mA
CURVES
0
1000
2000
3000
4000
5000
6000
7000
0.5
1.0
1.5
2.0
2.5
Instantaneous on-state voltage VT - (V)
min 125°C
max 125°C
25°C
max 25°C
Fig.2 Maximum & minimum on-state characteristics
VTM EQUATION
Where
A = 0.866995
B = -0.042053
VTM = A + Bln (IT) + C.IT+D.IT
C = 0.000100
D = 0.014062
these values are valid for Tj = 125°C for IT 500A to 10000A
DCR3030V42
Phase Control Thyristor


Similar Part No. - DCR2290V65

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR2290V65 DYNEX-DCR2290V65 Datasheet
396Kb / 10P
   Phase Control Thyristor
DCR2290V65 DYNEX-DCR2290V65 Datasheet
432Kb / 10P
   Phase Control Thyristor
DCR2290V65 DYNEX-DCR2290V65_15 Datasheet
432Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR2290V65

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com