Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39SF010A-70-4I-PH Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39SF010A-70-4I-PH
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39SF010A-70-4I-PH Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39SF010A-70-4I-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39SF010A-70-4I-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©2001 Silicon Storage Technology, Inc.
S71147-02-000
5/01
398
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specification
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
FEATURES:
Organized as 128K x8 / 256K x8 / 512K x8
Single 5.0V Read and Write Operations
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 10 mA (typical)
– Standby Current: 30 µA (typical)
Sector-Erase Capability
– Uniform 4 KByte sectors
Fast Read Access Time:
– 45 and 70 ns
Latched Address and Data
Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
2 seconds (typical) for SST39SF010A
4 seconds (typical) for SST39SF020A
8 seconds (typical) for SST39SF040
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
TTL I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32-pin PLCC
– 32-pin TSOP (8mm x 14mm)
– 32-pin PDIP
PRODUCT DESCRIPTION
The SST39SF010A/020A/040 are CMOS Multi-Purpose
Flash (MPF) manufactured with SST’s proprietary, high
performance CMOS SuperFlash technology. The split-gate
cell design and thick oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches. The SST39SF010A/020A/040 devices write
(Program or Erase) with a 5.0V power supply. The
SST39SF010A/020A/040 devices conform to JEDEC stan-
dard pinouts for x8 memories.
Featuring
high
performance
Byte-Program,
the
SST39SF010A/020A/040 devices provide a maximum
Byte-Program time of 20 µsec. These devices use Toggle
Bit or Data# Polling to indicate the completion of Program
operation. To protect against inadvertent write, they have
on-chip hardware and Software Data Protection schemes.
Designed, manufactured, and tested for a wide spectrum of
applications, these devices are offered with a guaranteed
endurance of 10,000 cycles. Data retention is rated at
greater than 100 years.
The SST39SF010A/020A/040 devices are suited for appli-
cations that require convenient and economical updating of
program, configuration, or data memory. For all system
applications, they significantly improve performance and
reliability, while lowering power consumption. They inher-
ently use less energy during erase and program than alter-
native flash technologies. The total energy consumed is a
function of the applied voltage, current, and time of applica-
tion. Since for any given voltage range, the SuperFlash
technology uses less current to program and has a shorter
erase time, the total energy consumed during any Erase or
Program operation is less than alternative flash technolo-
gies. These devices also improve flexibility while lowering
the cost for program, data, and configuration storage appli-
cations.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet high density, surface mount requirements, the
SST39SF010A/020A/040 are offered in 32-pin PLCC and
32-pin TSOP packages. A 600 mil, 32-pin PDIP is also
available. See Figures 1, 2, and 3 for pinouts.
Device Operation
Commands are used to initiate the memory operation func-
tions of the device. Commands are written to the device
using standard microprocessor write sequences. A com-
mand is written by asserting WE# low while keeping CE#
SST39SF010A / 020A / 0405.0V 4Mb (x8) MPF memories


Similar Part No. - SST39SF010A-70-4I-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF010A-70-4I-NH SST-SST39SF010A-70-4I-NH Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A-70-4I-NHE SST-SST39SF010A-70-4I-NHE Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A-70-4I-NHE MICROCHIP-SST39SF010A-70-4I-NHE Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39SF010A-70-4I-NHE MICROCHIP-SST39SF010A-70-4I-NHE Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF010A-70-4I-NHE MICROCHIP-SST39SF010A-70-4I-NHE Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results

Similar Description - SST39SF010A-70-4I-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com