Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF370317 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370317
Description  0.35-GHz TO 4-GHz QUADRATURE MODULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370317 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF370317 Datasheet HTML 2Page - Texas Instruments TRF370317 Datasheet HTML 3Page - Texas Instruments TRF370317 Datasheet HTML 4Page - Texas Instruments TRF370317 Datasheet HTML 5Page - Texas Instruments TRF370317 Datasheet HTML 6Page - Texas Instruments TRF370317 Datasheet HTML 7Page - Texas Instruments TRF370317 Datasheet HTML 8Page - Texas Instruments TRF370317 Datasheet HTML 9Page - Texas Instruments TRF370317 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TRF370315
TRF370333
SLWS184J
– MARCH 2006 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, power supply = 5 V, TA = 25°C, fLO = 1960 MHz at 0 dBm, TRF370315 (unless
otherwise noted).
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRF370315: Output RMS voltage over input I (or
–3.449
dB
Q) RMS voltage
G
Voltage gain(1)
TRF370333: Output RMS voltage over input I (or
–2.479
dB
Q) RMS voltage
P1dB
Output compression point
9.5
dBm
Output IP3, TRF370315
20
23
IP3
dBm
Output IP3, TRF370333
18
20
IP2
Output IP2
Measured at fLO + 2 × fBB
55
dBm
Carrier feedthrough
Unadjusted
–40
dBm
Sideband suppression
Unadjusted
–47
dBc
Output return loss
8
dB
DC only to BB inputs, 13 MHz offset from fLO
–162.6
Output noise floor
1.8-MHz offset from fLO; 1 CW tone; Pout = 0 dBm
–160
dBm/Hz
6-MHz offset from fLO; 1 CW tone; Pout = 0 dBm
–159.4
1 EDGE signal, Pout = –5 dBm
0.66%
1 EDGE signal, Pout = 0 dBm
0.74%
EVM
Error vector magnitude (rms)
1 EDGE signal, Pout = 0 dBm, 2nd harmonic of LO
1%
=
–15.5 dBm, 3rd harmonic of LO = –30 dBm(2)
(1)
Single 4-MHz CW baseband input tone, differential-ended 196 VRMS.
(2)
The second- and third-harmonic tests were made independently at each frequency.
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, power supply = 5 V, TA = 25°C, fLO = 2140 MHz at 0 dBm, TRF370315 (unless
otherwise noted).
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRF370315: Output RMS voltage over input I (or
–3.432
dB
Q) RMS voltage
G
Voltage gain(1)
TRF370333: Output RMS voltage over input I (or
–2.791
dB
Q) RMS voltage
P1dB
Output compression point
9.5
dBm
Output IP3, TRF370315
20
23
IP3
dBm
Output IP3, TRF370333
18
21
IP2
Output IP2
Measured at fLO + 2 × fBB
58
dBm
Carrier feedthrough
Unadjusted
–40
dBm
Sideband suppression
Unadjusted
–47
dBc
Output return loss
8.5
dB
20-MHz offset from fLO; dc only to BB inputs
–163
Output noise floor
dBm/Hz
20-MHz offset from fLO; 1 WCDMA signal;
–162
Pin = –20.5 dBVrms (I and Q input)
1 WCDMA signal; Pout = –13 dBm
–75.8
Adjacent-channel power
ACPR
1 WCDMA signal; Pout = –9 dBm
–72
dBc
ratio
4 WCDMA signals; Pout = –23 dBm per carrier
–68
1 WCDMA signal; Pout = –13 dBm
–79
Alternate-channel power
1 WCDMA signal; Pout = –9 dBm
–80.5
dBc
ratio
4 WCDMA signals; Pout = –23 dBm per carrier
–69
(1)
Single 4-MHz CW baseband input tone, differential-ended 196 VRMS.
6
Copyright
© 2006–2011, Texas Instruments Incorporated


Similar Part No. - TRF370317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370317 TI1-TRF370317 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317IRGER TI1-TRF370317IRGER Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317IRGET TI1-TRF370317IRGET Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF370317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370315 TI1-TRF370315 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315 TI1-TRF370315_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com