Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF370333IRGERG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF370333IRGERG4
Description  0.35-GHz TO 4-GHz QUADRATURE MODULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370333IRGERG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF370333IRGERG4 Datasheet HTML 6Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 7Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 8Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 9Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 10Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 11Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 12Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 13Page - Texas Instruments TRF370333IRGERG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
f − Frequency − MHz
10
12
14
16
18
20
22
24
26
28
30
0
500 1000 1500 2000 2500 3000 3500 4000 4500
G027
LO = 0 dB
VCC = 5 V
–40
°C
25
°C
85
°C
10
12
14
16
18
20
22
24
26
28
30
0
500 1000 1500 2000 2500 3000 3500 4000 4500
f − Frequency − MHz
G015
LO = 0 dBm
TA = 25°C
5.5 V
4.5 V
5 V
f − Frequency − MHz
12
16
20
24
28
32
36
40
0
500 1000 1500 2000 2500 3000 3500 4000 4500
G028
LO = 0 dB
TA = 25°C
4.5 V
5.5 V
5 V
10
12
14
16
18
20
22
24
26
28
30
0
500 1000 1500 2000 2500 3000 3500 4000 4500
f − Frequency − MHz
G013
+5 dBm
0 dBm
–5 dBm
VCC = 5 V
TA = 25°C
TRF370315
TRF370333
SLWS184J
– MARCH 2006 – REVISED MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TRF370333
TRF370315
OIP3
OIP3
vs
vs
FREQUENCY AND TEMPERATURE
FREQUENCY AND SUPPLY VOLTAGE
Figure 9.
Figure 10.
TRF370333
TRF370315
OIP3
OIP3
vs
vs
FREQUENCY AND SUPPLY VOLTAGE
FREQUENCY AND LO POWER
Figure 11.
Figure 12.
10
Copyright
© 2006–2011, Texas Instruments Incorporated


Similar Part No. - TRF370333IRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370333IRGERG4 TI-TRF370333IRGERG4 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGERG4 TI-TRF370333IRGERG4 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGERG4 TI-TRF370333IRGERG4 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGERG4 TI1-TRF370333IRGERG4 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
More results

Similar Description - TRF370333IRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370317 TI1-TRF370317 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315 TI1-TRF370315_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com