Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST27SF512-90-3C-WG Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST27SF512-90-3C-WG
Description  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF512-90-3C-WG Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST27SF512-90-3C-WG Datasheet HTML 1Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 2Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 3Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF512-90-3C-WG Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MTP is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8)
Many-Time Programmable Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
FEATURES:
Organized as 32K x8 / 64K x8 / 128K x8 / 256K x8
4.5-5.5V Read Operation
Superior Reliability
– Endurance: At least 1000 Cycles
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical)
– Standby Current: 10 µA (typical)
Fast Read Access Time
– 70 ns
– 90 ns
Fast Byte-Program Operation
– Byte-Program Time: 20 µs (typical)
– Chip Program Time:
0.7 seconds (typical) for SST27SF256
1.4 seconds (typical) for SST27SF512
2.8 seconds (typical) for SST27SF010
5.6 seconds (typical) for SST27SF020
Electrical Erase Using Programmer
– Does not require UV source
– Chip-Erase Time: 100 ms (typical)
TTL I/O Compatibility
JEDEC Standard Byte-wide EPROM Pinouts
Packages Available
– 32-pin PLCC
– 32-pin TSOP (8mm x 14mm)
– 28-pin PDIP for SST27SF256/512
– 32-pin PDIP for SST27SF010/020
PRODUCT DESCRIPTION
The SST27SF256/512/010/020 are a 32K x8 / 64K x8 /
128K x8 / 256K x8 CMOS, Many-Time Programmable
(MTP) low cost flash, manufactured with SST’s proprietary,
high performance SuperFlash technology. The split-gate
cell design and thick oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches. These MTP devices can be electrically erased
and programmed at least 1000 times using an external pro-
grammer with a 12 volt power supply. They have to be
erased prior to programming. These devices conform to
JEDEC standard pinouts for byte-wide memories.
Featuring
high
performance
Byte-Program,
the
SST27SF256/512/010/020 provide a Byte-Program time of
20 µs. Designed, manufactured, and tested for a wide
spectrum of applications, these devices are offered with an
endurance of at least 1000 cycles. Data retention is rated at
greater than 100 years.
The SST27SF256/512/010/020 are suited for applications
that require infrequent writes and low power nonvolatile
storage. These devices will improve flexibility, efficiency,
and performance while matching the low cost in nonvolatile
applications that currently use UV-EPROMs, OTPs, and
mask ROMs.
To meet surface mount and conventional through hole
requirements, the SST27SF256/512 are offered in 32-pin
PLCC, 32-pin TSOP, and 28-pin PDIP packages. The
SST27SF010/020 are offered in 32-pin PDIP, 32-pin PLCC
and 32-pin TSOP packages. See Figures 1, 2, and 3 for
pinouts.
Device Operation
The SST27SF256/512/010/020 are a low cost flash solu-
tion that can be used to replace existing UV-EPROM, OTP,
and mask ROM sockets. These devices are functionally
(read and program) and pin compatible with industry stan-
dard EPROM products. In addition to EPROM functionality,
these devices also support electrical erase operation via an
external programmer. They do not require a UV source to
erase, and therefore the packages do not have a window.
Read
The Read operation of the SST27SF256/512/010/020 is
controlled by CE# and OE#. Both CE# and OE# have to be
low for the system to obtain data from the outputs. Once
the address is stable, the address access time is equal to
the delay from CE# to output (TCE). Data is available at the
output after a delay of TOE from the falling edge of OE#,
assuming that CE# pin has been low and the addresses
have been stable for at least TCE - TOE. When the CE# pin
is high, the chip is deselected and a typical standby current
of 10 µA is consumed. OE# is the output control and is
used to gate data from the output pins. The data bus is in
high impedance state when either CE# or OE# is high.
Byte-Program Operation
The SST27SF256/512/010/020 are programmed by using
an external programmer. The programming mode for
SST27SF256/010/020 is activated by asserting 12V (±5%)
SST27SF256 / 512 / 010 / 0205.0V-Read 256Kb / 512Kb / 1Mb / 2Mb (x8) MTP flash memories


Similar Part No. - SST27SF512-90-3C-WG

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF512-70-3C-NH SST-SST27SF512-70-3C-NH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-NHE SST-SST27SF512-70-3C-NHE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-PG SST-SST27SF512-70-3C-PG Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-PGE SST-SST27SF512-70-3C-PGE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-WH SST-SST27SF512-70-3C-WH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF512-90-3C-WG

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com