Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WHB10RFE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # WHB10RFE
Description  WH precision series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WHB10RFE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  WHB10RFE Datasheet HTML 1Page - Ohmite Mfg. Co. WHB10RFE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
1
WH/WN Series
Miniature Molded Wirewound
Fea ture S
•WHprecisionseries
•WNArytonPerrywindingNon-Inductiveseries:
Inductance<1nHat1MHZtest,
•DesignedtomeetMIL-R-26F,MIL-STD-202stan-
dardrequirements
•Manufacturingprocess-Wirewinding/Spot
Welding-byComputerNumericalControl(CNC)
machinetoolstoensureconsistencyofproduct
quality.
•Encapsulatedbyepoxymoldingcompound
•AdvancedICencapsulationmold/dietechnologies
c H aracteri S tic S
Ceramic Core CeramTec Rubalit® 85% alumina
End Caps Stainless steel, precision formed
Leads Copper wire,100% Sn (lead free)
coated
Resistance Wire ISAOHM® wire TC ±20ppm/°C
Encapsulation SUMICON 1100/1200 Epoxy molding
compound for IC encapsulation
Standard Tolerance D (0.5%), F (1.0%), J (5.0%)
Temperature
Coefficient (ppm/°C)
±90 for 0.100
Ω-0.99Ω, ±50 for
1.00
Ω-10.00Ω, ±20 for >10.00Ω
Maximum Working
Voltage
(PxR)1/2
Derating Linearly from 100% @ +70°C to 0%
@ +150°C.
Operating Temp -55°C to +150°C
S erie S SP eci F icati ONS
Power
Resistance
Rating
Range
Weight
Type (watts)
(
Ω)
(g/1000pc)
WHA
0.5
0.100 - 1.0K
216
WNA
0.100 - 250
WHB
1
0.100 - 4.0K
296
WNB
0.100 - 1.0K
WHC
2
0.10 - 8.0K
712
WNC
0.10 - 2.0K
WHD
3
0.10 - 25K
1160
WND
0.10 - 5.0K
WHE
5
0.10 - 50K
2920
WNE
0.10 - 10K
LD
0.984 /
25
d
��
dime NS i ONS
Type
Wattage
L
D
d
WH/N
A
0.5
5.08 / 0.200
2.54 / 0.100
0.60 / 0.024
WH/N
B
1
7.00 / 0.276
3.00 / 0.120
0.60 / 0.024
WH/N
C
2
11.4 / 0.450
6.86 / 0.270
0.80 / 0.031
WH/N
D
1
13.54 / 0.530
5.50 / 0.216
0.80 / 0.031
WH/N
E
2
20.00 / 0.790
7.50 / 0.295
1.00 / 0.039
Tape
Reel
Pc/
Width
Pitch
Diam.
reel
64 / 2.520
5.0 / 0.197
290 / 11.41 1000
64 / 2.520
5.0 / 0.197
290 / 11.41 1000
64 / 2.520
10 / 0.393
290 / 11.41 1000
84 / 3.307
10 / 0.393
290 / 11.41
500
4 / 3.307
10 / 0.393
290 / 11.41
500
Packaging
WIREWOUND


Similar Part No. - WHB10RFE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WHB10RFE OHMITE-WHB10RFE Datasheet
119Kb / 1P
   Miniature Molded Wirewound
WHB10RFE OHMITE-WHB10RFE Datasheet
305Kb / 2P
   Encapsulated by epoxy molding compound
More results

Similar Description - WHB10RFE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4FLCUST02 SCHNEIDER-ZB4FLCUST02 Datasheet
74Kb / 1P
   FLUSH WH PROJECTING PB HEAD WH MARKED O
logo
PHOENIX CONTACT
3045075 PHOENIX-3045075 Datasheet
162Kb / 6P
   UT 2,5 WH
3045198 PHOENIX-3045198 Datasheet
144Kb / 6P
   UT 6 WH
3046317 PHOENIX-3046317 Datasheet
143Kb / 6P
   UT 10 WH
3045130 PHOENIX-3045130 Datasheet
145Kb / 6P
   UT 4 WH
3037119 PHOENIX-3037119 Datasheet
172Kb / 4P
   ST 2,5 WH
3037177 PHOENIX-3037177 Datasheet
160Kb / 4P
   ST 4 WH
2715788 PHOENIX-2715788 Datasheet
68Kb / 2P
   EB 80- DIK WH
5060883 PHOENIX-5060883 Datasheet
81Kb / 3P
   ZB10/WH-100:UNBEDRUCKT
5032332 PHOENIX-5032332 Datasheet
84Kb / 3P
   BMKL 25X 8 WH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com