Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G64-3A Datasheet(PDF) 6 Page - Rohm

Part # BR24G64-3A
Description  High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G64-3A Datasheet(HTML) 6 Page - Rohm

Back Button BR24G64-3A Datasheet HTML 2Page - Rohm BR24G64-3A Datasheet HTML 3Page - Rohm BR24G64-3A Datasheet HTML 4Page - Rohm BR24G64-3A Datasheet HTML 5Page - Rohm BR24G64-3A Datasheet HTML 6Page - Rohm BR24G64-3A Datasheet HTML 7Page - Rohm BR24G64-3A Datasheet HTML 8Page - Rohm BR24G64-3A Datasheet HTML 9Page - Rohm BR24G64-3A Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6/34
Datasheet
Datasheet
BR24G64-3A
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.co
TSZ22111・15・001
TSZ02201-0R2R0G100040 -1-2
15.May.2012 REV.001
●Typical Performance Curves
Fig.4 'H' input voltage VIH1
(A0,A1,A2,SCL,SDA,WP)
Fig.5 'L' input voltage VIL1
(A0,A1,A2,SCL,SDA,WP)
Fig. 6 'L' output voltage VOL1(Vcc=2.5V)
Fig.7 'L' output voltage VOL2(Vcc=1.7V)
0
1
2
3
4
5
6
01
2
3
4
5
6
SUPPLY VOLTAGE: Vcc(v)
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
0
1
2
3
4
5
6
0
123
456
SUPPLY VOLTAGE: Vcc(v)
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
0
0.2
0.4
0.6
0.8
1
01
2
3
45
6
L OUTPUT CURRENT: IOL(mA)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
01
234
56
L OUTPUT CURRENT: IOL(m A)
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC


Similar Part No. - BR24G64-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G64-3A ROHM-BR24G64-3A Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64-3A ROHM-BR24G64-3A_14 Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G64-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com