Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E0312T-1W Datasheet(PDF) 3 Page - Crystek Corporation

Part # E0312T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

E0312T-1W Datasheet(HTML) 3 Page - Crystek Corporation

  E0312T-1W Datasheet HTML 1Page - Crystek Corporation E0312T-1W Datasheet HTML 2Page - Crystek Corporation E0312T-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
E_T-1W&F_T-1W
B/0-2010
Page 3 of 3
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
1
2
5
6
Vin
GND
NC
0V
8
+Vo
Vin
GND
-Vo
0V
NC
NC
+Vo
0.25 [0.010]
6.50 [0.256]
15.24 [0.600]
12.70 [0.500]
2.54 [0.100]
7.50 [0.295]
11.20 [0.441]
0.25 [0.010]
1.35 [0.053]
5
°max
8.50 [0.335]
14.10 [0.555]
8.90 [0.350]
6.50 [0.256]
7.40 [0.291]
4.30 [0.169]
14.10 [0.555]
0.60 [0.024]
1.00 [0.039]
2.54 [0.100]
2.54 [0.100]
2.10 [0.083]
2.00 [0.079]
1.75 [0.069]
11.50 [0.453]
0.50 [0.020]
7.35 [0.289]
16.00[0.630]
11.60 [0.457]
29.40 [1.157]
8
10
12 11
5
3
12
7
6
∅1.50 [0.059]
∅1.50 [0.059]
∅21.50 [0.846]
∅13.00 [0.512]
6.25 [0.246]
A
A
10.10 [0.398]
8
10
11
5
3
1
2
7
6
12
FOOTPRINT DETAILS
Pin
NC:No Connection
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
Note:
Unit: mm[inch]
Pin section tolerances:
0.10mm[
0.004inch]
General tolerances:
0.25mm[
0.010inch]
Note:
Unit: mm[inch]
General tolerances:
0.5mm[
0.020inch]
L=540mm[21.260inch]
: 33pcs
L=220mm[8.661inch]
: 12pcs
Devices per tube quantity
Devices per tube quantity
REEL PACKING OUTLINE DIMENSIONS
Note:
Unit: mm[inch]
General tolerances: 0.5mm[ 0.020inch]
Devices per reel quantity: 500pcs
RECOMMENDED FOOTPRINT
(Side View)
(Top View)
Taping dimension:
Taping reel dimension:
Single
Dual
Others
0.60 [0.024]
∅100.00 [3.937]
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the
life of product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
1. Only typical models listed, other models may be different, please contact our technical person for more details.
2. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - E0312T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E0312S-1WR2 MORNSUN-E0312S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
E0312S-1WR2 MORNSUN-E0312S-1WR2_15 Datasheet
1Mb / 5P
   DC/DC Converter
E0312XT-1WAR2 MORNSUN-E0312XT-1WAR2 Datasheet
314Kb / 4P
   DC/DC Converter
E0312XT-1WAR2 MORNSUN-E0312XT-1WAR2 Datasheet
223Kb / 5P
   DC/DC Converter
More results

Similar Description - E0312T-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-4UP GAPTEC-1S7B-4UP Datasheet
696Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3U GAPTEC-1T10A-3U Datasheet
1Mb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6UP GAPTEC-1S7B-6UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com