Electronic Components Datasheet Search |
|
SST27SF020-90-3C-WG Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc |
|
SST27SF020-90-3C-WG Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc |
11 / 26 page Data Sheet 256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020 11 ©2001 Silicon Storage Technology, Inc. S71152-02-000 5/01 502 TABLE 14: PROGRAM/ERASE CYCLE TIMING PARAMETERS FOR SST27SF256 Symbol Parameter Min Max Units TAS Address Setup Time 1 µs TAH Address Hold Time 1 µs TPRT VPP Pulse Rise Time 50 ns TVPS VPP Setup Time 1 µs TVPH VPP Hold Time 1 µs TPW CE# Program Pulse Width 20 30 µs TEW CE# Erase Pulse Width 100 500 ms TDS Data Setup Time 1 µs TDH Data Hold Time 1 µs TVR VPP and A9 Recovery Time 1 µs TART A9 Rise Time to 12V during Erase 50 ns TA9S A9 Setup Time during Erase 1 µs TA9H A9 Hold Time during Erase 1 µs T14.0 502 TABLE 15: PROGRAM/ERASE CYCLE TIMING PARAMETERS FOR SST27SF512 Symbol Parameter Min Max Units TAS Address Setup Time 1 µs TAH Address Hold Time 1 µs TPRT OE#/VPP Pulse Rise Time 50 ns TVPS OE#/VPP Setup Time 1 µs TVPH OE#/VPP Hold Time 1 µs TPW CE# Program Pulse Width 20 30 µs TEW CE# Erase Pulse Width 100 500 ms TDS Data Setup Time 1 µs TDH Data Hold Time 1 µs TVR OE#/VPP and A9 Recovery Time 1 µs TART A9 Rise Time to 12V during Erase 50 ns TA9S A9 Setup Time during Erase 1 µs TA9H A9 Hold Time during Erase 1 µs T15.0 502 TABLE 16: PROGRAM/ERASE CYCLE TIMING PARAMETERS FOR SST27SF010/020 Symbol Parameter Min Max Units TCES CE# Setup Time 1 µs TCEH CE# Hold Time 1 µs TAS Address Setup Time 1 µs TAH Address Hold Time 1 µs TPRT VPP Pulse Rise Time 50 ns TVPS VPP Setup Time 1 µs TVPH VPP Hold Time 1 µs TPW PGM# Program Pulse Width 20 30 µs TEW PGM# Erase Pulse Width 100 500 ms TDS Data Setup Time 1 µs TDH Data Hold Time 1 µs TVR A9 Recovery Time for Erase 1 µs TART A9 Rise Time to 12V during Erase 50 ns TA9S A9 Setup Time during Erase 1 µs TA9H A9 Hold Time during Erase 1 µs T16.0 502 |
Similar Part No. - SST27SF020-90-3C-WG |
|
Similar Description - SST27SF020-90-3C-WG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |