Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3V712EL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3V712EL
Description  7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3V712EL Datasheet(HTML) 1 Page - Texas Instruments

  TS3V712EL Datasheet HTML 1Page - Texas Instruments TS3V712EL Datasheet HTML 2Page - Texas Instruments TS3V712EL Datasheet HTML 3Page - Texas Instruments TS3V712EL Datasheet HTML 4Page - Texas Instruments TS3V712EL Datasheet HTML 5Page - Texas Instruments TS3V712EL Datasheet HTML 6Page - Texas Instruments TS3V712EL Datasheet HTML 7Page - Texas Instruments TS3V712EL Datasheet HTML 8Page - Texas Instruments TS3V712EL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2
1
6
7
8
9
10
11
3
4
5
V0
H0
G0
B0
N.C.
SCL0
SDA0
GND
GND
VDD
R0
26
27
22
21
20
19
18
17
25
24
23
H2
H1
R1
R2
G1
G2
B1
B2
V1
V2
VDD
GND
TS3V712EL
www.ti.com
SCDS303A – AUGUST 2010 – REVISED SEPTEMBER 2010
7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
Check for Samples: TS3V712EL
1
FEATURES
APPLICATIONS
Notebook Computers
Supports 7-Channel VGA Signals (R, G, B,
HSYNC, VSYNC, DDC CLK, and DDC DAT)
Docking Stations
KVM Switches
Integrated Level-Shifting Buffers for HSYNC and
VSYNC Channels
RTG PACKAGE
Operating Voltage
(TOP VIEW)
VDD = 3.3 V ±10%
VDD_5 = 5 V ±10%
High Bandwidth of 1.3 GHz (–3 dB)
Low ON-State Resistance and Input/Output
Capacitance
rON = 4 Ω (Typ)
CON = 8 pF (Typ)
Voltage Clamping NMOS Switches for SCL and
SDA Channels
ESD Performance (Pins 12–15, 17–22, 24–27)
±2-kV Contact Discharge (IEC61000-4-2)
7-kV Human Body Model (to GND)
ESD Performance (All Pins)
3-kV Human Body Model (JESD22-A114E)
32-Pin Quad Flat Pack No-Lead [QFN (RTG)]
Package
The exposed center pad must be
connected to GND.
DESCRIPTION/ORDERING INFORMATION
The TS3V712EL is a high bandwidth, 7-channel video demultiplexer for switching between a single VGA source
and one of two end points. The device is designed for ensuring video signal integrity and minimizing video signal
attenuation by providing high bandwidth of 1.3 GHz.
The TS3V712EL has integrated level shifting buffers for the HSYNC and VSYNC signals which provide voltage level
translation between 3.3 V and 5 V logic. The SCL and SDA lines use NMOS switches which clamp the output
voltage to 1 V below VDD.
The video signals are protected against ESD with integrated diodes to VDD and GND that support levels up to
±2-kV Contact Discharge (IEC61000-4-2) and 7-kV Human Body Model (JESD22-A114E).
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RTG
Tape and reel
TS3V712ELRTGR
TF712EL
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3V712EL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Similar Description - TS3V712EL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1405 EXAR-XRA1405 Datasheet
439Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Exar Corporation
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com