Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3V713EL Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3V713EL
Description  7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3V713EL Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3V713EL Datasheet HTML 6Page - Texas Instruments TS3V713EL Datasheet HTML 7Page - Texas Instruments TS3V713EL Datasheet HTML 8Page - Texas Instruments TS3V713EL Datasheet HTML 9Page - Texas Instruments TS3V713EL Datasheet HTML 10Page - Texas Instruments TS3V713EL Datasheet HTML 11Page - Texas Instruments TS3V713EL Datasheet HTML 12Page - Texas Instruments TS3V713EL Datasheet HTML 13Page - Texas Instruments TS3V713EL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CL
(see Note A)
TEST CIRCUIT
S1
2 × VDD
Open
GND
RL
RL
VOH
VOL
VOLTAGE WAVEFORMS
OUTPUT SKEW (tsk(o))
Data Out at
YB1 or YB 2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low
, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
50 Ω
VG1
VDD
DUT
50 Ω
VIN
50 Ω
VG2
50 Ω
VI
Input Generator
Input Generator
VO
(VOH + VOL)/2
VOH
VOL
Data Out at
XB1 or XB 2
(VOH + VOL)/2
VDD
(1)
0 V
Data In at
Ax or A y
tPLHx
tPHLx
tsk(o)
tsk(o)
tPLHy
tPHLy
tsk(o) = tPLHy − tPLHx or tPHLy − tPHLx
VOH
VOL
VOLTAGE WAVEFORMS
PULSE SKEW [t sk(p)]
Output
(VOH + VOL)/2
Input
tPLH
tPHL
tsk(p) = tPHL − tPLH
VO
VI
VO
V
/2
DD
VDD
(1)
0 V
V
/2
DD
(1) 2 V ± 0.2 V for SCL, SDA
TEST
RL
S1
CL
5 V ± 0.5 V
VDD_5
Vin
tsk(p)
tsk(o)
5 V ± 0.5 V
Open
Open
200 Ω*
or
1 kΩ
VDD or GND
VDD or GND
10 pF
10 pF
3.3 V ± 0.3 V
VDD
3.3 V ± 0.3 V
R = 200
L
Ω applies to all switch outputs
R = 1 kΩ applies to all buffer outputs
L
*
TS3V713EL
SCDS312A – NOVEMBER 2010 – REVISED NOVEMBER 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Propagation Delay and Skew)
Figure 10. Test Circuit and Voltage Waveforms
10
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3V713EL


Similar Part No. - TS3V713EL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V712ELRTGR TI1-TS3V712ELRTGR Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Similar Description - TS3V713EL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com