Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21021GUL Datasheet(PDF) 1 Page - Rohm

Part # BU21021GUL
Description  4-wire resistive Touch Screen Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21021GUL Datasheet(HTML) 1 Page - Rohm

  BU21021GUL Datasheet HTML 1Page - Rohm BU21021GUL Datasheet HTML 2Page - Rohm BU21021GUL Datasheet HTML 3Page - Rohm BU21021GUL Datasheet HTML 4Page - Rohm BU21021GUL Datasheet HTML 5Page - Rohm BU21021GUL Datasheet HTML 6Page - Rohm BU21021GUL Datasheet HTML 7Page - Rohm BU21021GUL Datasheet HTML 8Page - Rohm BU21021GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BU21021GUL
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/10
TSZ02201-0Y1Y0F300060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
19.Jun.2012 Rev.001
TSZ22111・14・001
www.rohm.com
Datasheet
4-wire resistive
Touch Screen Controller
BU21021GUL
●General Description
BU21021GUL is a resistive touch screen controller,
which is capable of detecting 2 points touch with a
legacy 4-wire resistive touch screen. BU21021GUL is
capable of detecting X/Y coordinates, touch pressure in
1 point detection mode, and a pair of X/Y coordinates in
2 point detection mode.
It is also capable of recognizing multiple finger gestures
from coordinate data variation and notifying to host with
gesture detection flags respectively.
BU21021GUL employs embedded CPU for noise
filtering, coordinate calculation, gesture detection and
other signal processing required on a chip.
●Feature
Legacy 4-wire resistive touch screen is applicable
1 point / 2 points touch detection
On chip coordinate generation
Multiple gesture detections
3V single power supply
Higher coordinate resolution with 12-bit SAR A/D
converter
On chip clock generator
Selectable HOST I/F(IFSEL pin)
4-wire SPI / 2-wire serial bus
●Key Specification
Power supply voltage
Temperature range
Standby current
Sleep current
Operating current
Coordinate resolution
2.7V to 3.6V
-25℃ to 85℃
5.0uA (Max.)
60uA (Typ.)
4.0mA (Typ.)
12bit
●Package
VCSP50L2
2.70 mm x 2.65 mm x 0.55(max) mm
●Application
Equipments with user Interface employing 4-wire
resistive touch screen.
Mobile phone, Tablet PC, PDA or other portable
information devices.
Digital still camera, Digital video camera, portable TV
or other Audio-visual devices.
Note PC, Touch screen monitor, printer or other PC
peripherals.
●Application Circuit Example
(2-wire serial I/F, Slave address=B8h, non-use EEPROM)
Figure 1. Application circuit example


Similar Part No. - BU21021GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
More results

Similar Description - BU21021GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com