Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21021GUL-E2 Datasheet(PDF) 4 Page - Rohm

Part # BU21021GUL-E2
Description  4-wire resistive Touch Screen Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21021GUL-E2 Datasheet(HTML) 4 Page - Rohm

  BU21021GUL-E2 Datasheet HTML 1Page - Rohm BU21021GUL-E2 Datasheet HTML 2Page - Rohm BU21021GUL-E2 Datasheet HTML 3Page - Rohm BU21021GUL-E2 Datasheet HTML 4Page - Rohm BU21021GUL-E2 Datasheet HTML 5Page - Rohm BU21021GUL-E2 Datasheet HTML 6Page - Rohm BU21021GUL-E2 Datasheet HTML 7Page - Rohm BU21021GUL-E2 Datasheet HTML 8Page - Rohm BU21021GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Datasheet
Datasheet
4/10
TSZ02201-0Y1Y0F300060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
19.Jun.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BU21021GUL
●Overview
BU21021GUL is a resistive touch screen controller, which is capable of detecting 2 points touch with a legacy 4-wire
resistive touch screen. It is composed of 32-bit CPU, 12-bit SAR A/D converter, clock oscillator, and voltage regulators
power supply, and operates at a single power supply ranging from 2.7 to 3.6V. BU21021GUL is capable of detecting X/Y
coordinates, touch pressure in 1 point detection mode, and a pair of X/Y coordinates in 2 point detection mode.
It is also capable of recognizing multiple finger gestures from coordinate data variation and notifying to host with gesture
detection flags respectively.BU21021GUL employs embedded CPU for noise filtering, coordinate calculation, gesture
detection and other signal processing required on a chip.
BU21021GUL senses panel terminal voltages periodically, filters noise, then calculates coordinates in its operation mode.
Host will be noticed by a interrupt signal (INT) when resister values are updated.
1 point detection
Touch detection and touch pressure detection are processed on chip, and BU21021GUL operates as a legacy
resistive touch controller employing 4-wire resistive touch screen.
BU21021GUL has 2 point touch detection function, which prevents itself from common misdetection of single
‘midpoint’ coordinate output.
2 points detection
2 point detection is held by monitoring electric condition of a touch sensor and calculating coordinates on each axis.
The process is different from legacy 1 point touch detection, therefore BU21021GUL requires setup of panel parameter
in advance.
BU21021GUL automatically detects ether 1 point or 2 points touch input.
Gesture detection
BU21021GUL is able to detect 1 point flick gesture for 4 directions and 2 point ZOOM IN/OUT, PINCH/SPREAD and
rotate gestures respectively. Gesture detection events are reported to host as detection flags and interrupt. Each of
gesture detection sensitivities can be set as register parameters respectively.
(Note) Gesture flags only repot its events. Operation speed and movement have to be calculate on host using
coordinate data.
Auto power on / off function
Auto power off function will power off to sleep condition in order to reduce power consumption when no touch input is
detected. BU21021GUL will automatically change to operation state when touch event is detected in sleep state.
This function is able to be enabled / disabled, and threshold level of sleep state transition is able to be set by registers.
Host interface
BU21021GUL works as slave device of HOST MCU connected 2-wire serial bus or 4-wire SPI.
It is selectable by IFSEL pin condition.
(IFSEL=GND:4-wire SPI、IFSEL=VDD:2-wire serial bus)
EEPROM
Firmware has to be downloaded on BU21021GUL in order to realize these functions. The file size of firmware is 16kB
(16384 bytes). A "HOST interface" and "external EEPROM" can be chosen as the download method.
DVDD external supply setup
In the case there exists 1.8V power supply on application system, the external 1.8V supply can be applicable to DVDD
in order to reduce sleep power consumption to 10uA.


Similar Part No. - BU21021GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
More results

Similar Description - BU21021GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com