Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5011 Datasheet(PDF) 6 Page - Texas Instruments

Part # 5011
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5011 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5011 Datasheet HTML 2Page - Texas Instruments 5011 Datasheet HTML 3Page - Texas Instruments 5011 Datasheet HTML 4Page - Texas Instruments 5011 Datasheet HTML 5Page - Texas Instruments 5011 Datasheet HTML 6Page - Texas Instruments 5011 Datasheet HTML 7Page - Texas Instruments 5011 Datasheet HTML 8Page - Texas Instruments 5011 Datasheet HTML 9Page - Texas Instruments 5011 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Power Supplies
www.ti.com
4
Power Supplies
P3 is the power-supply input connector. Table 5 lists the configuration details for P3. Only +5V analog and
+5V digital is required to power the EVM. If desired, a jumper option (W6) is provided to supply the
ADS7953 digital core with +3.3V.
Table 5. P3 Configuration: Power-Supply Input
Pin No.
Pin Name
Function
Required
J3.1
+VA
+10V to +15V
No
J3.2
–VA
–10V to –15V
No
J3.3
+5VA
+5V analog supply
Always
J3.4
–5VA
–5V analog supply
No
J3.5
DGND
Digital ground input
Yes
J3.6
AGND
Analog ground input
Yes
J3.7
+1.8VD
1.8V digital supply
No
J3.8
VD1
Not used
No
J3.9
+3.3VD
3.3V digital supply
Yes, if +5VD is not used
J3.10
+5VD
+5V
Yes, if +3.3VD is not used
The ADS7953 digital section can be powered from +3.3V or +5V by means of jumper option W6.
5
Voltage Reference
The ADS7953EVM has three sources for the reference voltage. Jumper W2 can select the REFP voltage
from either the REF5025(U3) or from an external source applied to P1.18. Jumper W3 can select the
REFM voltage from either the analog ground (AGND) or from an external source applied to P1.20.
6
EVM Operation
The following section provides information on the analog input, digital control, and general operating
conditions of the ADS7953EVM.
6.1
Analog Input
Eight of the analog input sources (channels 0-7) can be applied directly to P1 (top or bottom side) or
through signal-conditioning modules available for the modular EVM system. The additional eight channel
sources (CH8-CH15) can be applied to connector J1. The analog input range on the EVM is identical to
that of the installed device and is dependent on the RANGE setting of the ADC (0 to 5V or 0 to 2.5V)
Each input signal can be configured to connect directly to the analog inputs of the ADS7953 through a
33
Ω series resistor with an 0.027pF capacitor to AGND. The input to CH0 can use the OPA365 buffer that
is provided (default condition, W4 jumpered pins 1-2). Jumper W4 can be placed on pins 2-3 to bypass
the unity gain buffer configuration of the OPA365.
6.2
Digital Control
The digital control signals can be applied directly to P5 (top or bottom side). The modular ADS7953EVM
can also be connected directly to a DSP or microcontroller interface board, such as the 5-6KInterface or
HPA-MCUInterface boards available from Texas Instruments. When purchased as part of a PDK, the
ADS7953EVM can be controlled by the MMB0. For a list of compatible interface and/or accessory boards
for the EVM or the ADS7953, see the relevant product folder on the TI website. All of the digital signals
are controlled directly with pins on P2.
6
ADS79xxEVM and ADS79xxEVM-PDK
SLAU262C
– January 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - 5011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5011 TI1-5011 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
logo
Sensata Technologies, I...
5011 SENSATA-5011 Datasheet
210Kb / 4P
   1/2” DISC, HERMETICALLY SEALED THERMOSTAT
Rev:02/12/18
logo
Texas Instruments
5011 TI1-5011 Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
5011 TI1-5011 Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
5011 TI1-5011 Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
More results

Similar Description - 5011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
   INTEGRATED BUSHOLD CIRCUITRY
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
   Desaturation protection circuitry
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Molex Electronics Ltd.
106401-0000 MOLEX-106401-0000 Datasheet
2Mb / 4P
   FlexPlaneTM Optical Circuitry
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
   Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com